Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6370 Datasheet(PDF) 16 Page - Analog Devices

Part # LT6370
Description  Precision Instrumentation Amplifier with Level Shift and Output Clamping
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6370 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT6370 Datasheet HTML 12Page - Analog Devices LT6370 Datasheet HTML 13Page - Analog Devices LT6370 Datasheet HTML 14Page - Analog Devices LT6370 Datasheet HTML 15Page - Analog Devices LT6370 Datasheet HTML 16Page - Analog Devices LT6370 Datasheet HTML 17Page - Analog Devices LT6370 Datasheet HTML 18Page - Analog Devices LT6370 Datasheet HTML 19Page - Analog Devices LT6370 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LT6372-1
16
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
+–
LT6370
6372-1 F01a
V–
–15V
+15V
V+
REF1,2
OUT
VD/2
VD/2
VCM
LT6372-1
OUTPUT VOLTAGE (V)
–15
–10
–5
0
5
10
15
–15
–10
–5
0
5
10
15
6372-1 F01b
G = 1
VS = ±15V
VREF2 = 0V
VREF1 = 0V
VCLHI = 15V
VCLLO = –15V
+–
LT6370
6371-2 F01c
V–
–15V
+15V
V+
REF1,2
OUT
RG
243
LT6372-1
VD/2
VD/2
VCM
OUTPUT VOLTAGE (V)
–15
–10
–5
0
5
10
15
–15
–10
–5
0
5
10
15
6372-1 F01d
G = 100
VS = ±15V
VREF2 = 0V
VREF1 = 0V
VCLHI = 15V
VCLLO = –15V
applied to an ADCs input. Typically, CLHI is tied to the
ADC’s reference and CLLO is tied to the ADC’s ground
connection.
Valid Input and Output Range
Instrumentation amplifiers traditionally specify a valid
input common mode range and an output swing range.
This however often fails to identify limitations associated
with internal swing limits. Referring to the Simplified
Block Diagram, the output swing of pre-amplifiers A1
and A2 as well as the common-mode input range of the
difference amplifier A3 impose limitations on the valid
operating range. Figure 1 shows the operating region
where a valid output is produced for various configura-
tions. Further valid input and output range plots can be
generated using the Diamond Plot Tool.
Figure 1. Input Common Mode Range vs Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com