Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6370 Datasheet(PDF) 21 Page - Analog Devices

Part # LT6370
Description  Precision Instrumentation Amplifier with Level Shift and Output Clamping
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6370 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT6370 Datasheet HTML 17Page - Analog Devices LT6370 Datasheet HTML 18Page - Analog Devices LT6370 Datasheet HTML 19Page - Analog Devices LT6370 Datasheet HTML 20Page - Analog Devices LT6370 Datasheet HTML 21Page - Analog Devices LT6370 Datasheet HTML 22Page - Analog Devices LT6370 Datasheet HTML 23Page - Analog Devices LT6370 Datasheet HTML 24Page - Analog Devices LT6370 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LT6372-1
21
Rev. 0
For more information www.analog.com
10k
RG
RG
RG
6372-1 F07
THERMOCOUPLE
200k
MICROPHONE,
HYDROPHONE,
ETC
200k
CENTER-TAP PROVIDES
BIAS CURRENT RETURN
LT6372-1
LT6372-1
LT6372-1
REF1,2
REF1,2
REF1,2
Reducing Board-Related Leakage Effects
Leakage currents can have a significant impact on system
accuracy, particularly in high temperature and high voltage
applications. Quality insulation materials should be used,
and insulating surfaces should be cleaned to remove fluxes
and other residues. For humid environments, surface coat-
ing may be necessary to provide a moisture barrier.
Leakage into the RG pin conducts through the on-chip feed-
back resistor, creating an error at the output of the pre-
amplifiers. This error is independent of gain and degrades
accuracy the most at low gains. This leakage can be mini-
mized by encircling the RG connections with a guard-ring
operated at a potential very close to that of the RG pins.
NIC pins adjacent to each RG pin can be used to simplify
the implementation of this guard-ring. These NIC pins do
not provide any bias and have no internal connections. In
some cases, the guard-ring can be connected to the input
voltage which biases one diode drop below RG.
Figure 5.
6372-1 F05
LT6372-1
–
+
V–
V+
Guard-Rings Can Be Used to Minimize
Leakage into the RG Pins
Leakage into the input pins reacts with the source resis-
tance, creating an error directly at the input. This leakage
can be minimized by encircling the input connections with
a guard-rings operated at a potential very close to that
of the input pins. In some cases, the guard-ring can be
connected to RG which biases one diode above the input.
For the lowest leakage, amplifiers can be used to drive the
guard ring. These buffers must have very low input bias
current since that will now be a leakage.
Figure 6.
6372-1 F06
LT6372-1
–
+
V–
V+
Guard-Rings Can Be Used to Minimize
Leakage into the Input Pins
Input Bias Current Return Path
The low input bias current of the LT6372-1 (800pA max) and
high input impedance (225GΩ) allow the use of high imped-
ance sources without introducing additional offset voltage
errors, even when the full common mode range is required.
However, a path must be provided for the input bias cur-
rents of both inputs when a purely differential signal is being
amplified. Without this path, the inputs will float to either rail
and exceed the input common mode range of the LT6372-1,
resulting in a saturated input amplifier. Figure 7 shows three
examples of an input bias current path. The first example
is of a purely differential signal source with a 10kΩ input
current path to ground. Since the impedance of the signal
source is low, only one resistor is needed. Two matching
resistors are needed for higher impedance signal sources as
shown in the second example. Balancing the input imped-
ance improves both AC and DC common mode rejection
and DC offset. The need for input resistors is eliminated if a
center tap is present as shown in the third example.
Figure 7. Providing an Input Common Mode Current Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com