Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF20150AT Datasheet(PDF) 2 Page - SHIKUES Electronics

Part # MBRF20150AT
Description  20 AMPERES SCHOTTKY BARRIER RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKTECHNOLGY [SHIKUES Electronics]
Direct Link  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics

MBRF20150AT Datasheet(HTML) 2 Page - SHIKUES Electronics

  MBRF20150AT Datasheet HTML 1Page - SHIKUES Electronics MBRF20150AT Datasheet HTML 2Page - SHIKUES Electronics MBRF20150AT Datasheet HTML 3Page - SHIKUES Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBRF20150AT
2 of 3
REV.08
5
10
15
0.0
20
40
60
80
100 120
Fig.1 TYPICAL FORWARD CURRENT DERATING CURVE
Case Temperature (
°C)
Fig.4 Typical Junction Capacitance
Reverse Voltage (V)
10
0.1
10
100
500
20
100
1
1000
T =25
J
°C
10
100
Fig.5 Maximum Non-Repetitive Peak
Forward Surage Current
Number of Cycles at 60Hz
8.3 ms Single Half Sine Wave
(JEDEC Method)
1
40
00
100
160
20
60
120
140
80
0.01
100
1
10
100
Fig.6- Typical Transient Thermal Impedance
t, Pulse Duration
(sec)
0.1
1
10
140 160 180
Fig.2 Typical Reverse Characteristics
20
40
60
80
0
Percent of Rated Peak Reverse Voltage
(%)
100
0.001
0.01
0.1
1.0
10
100
T =25
J
°C
T =100
J
°C
20
25
Fig.3 Typical Forward Characteristic(per leg)
Instaneous Forward Voltage (V)
1.0
0
0.3
10
20
0.6
0.9
1.2
30
T =25
J
°C
1.5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com