Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF20150AT Datasheet(PDF) 1 Page - SHIKUES Electronics

Part # MBRF20150AT
Description  20 AMPERES SCHOTTKY BARRIER RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKTECHNOLGY [SHIKUES Electronics]
Direct Link  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics

MBRF20150AT Datasheet(HTML) 1 Page - SHIKUES Electronics

  MBRF20150AT Datasheet HTML 1Page - SHIKUES Electronics MBRF20150AT Datasheet HTML 2Page - SHIKUES Electronics MBRF20150AT Datasheet HTML 3Page - SHIKUES Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBRF20150AT
1 of 3
REV.08
Parameter
Symbol
Spec. Limit
Unit
Min.
Typ.
Max.
Max. Repetitive Peak Reverse Voltage
@0.5mA
VRRM
150
V
Max. Average Forward Rectified Current
IF(AV)
10
A
Forward Voltage Drop
@ IF=3A
@ IF=10A
VF
0.64
0.85
0.69
V
Max. Reverse Current at VRRM
@150V
IR
10
30
μA
Operating Temperature Range
TJ
-55
+150
℃
Storage Temperature Range
TSTG
-55
+150
℃
1
2
3
0 AMPERES SCHOTTKY BARRIER RECTIFIERS
K1 A K2
TO-220F
Mechanical data
• Case: TO-220F
•
pprox. Weight: 2.1g ( 0.07oz)
• Terminals: Lead solderable per MIL-STD-202,
Method 208
A
Reverse Voltage 150V
Forward Current 20 A
FEATURES
•
• Low forward voltage drop
• Low power loss, high efficiency
• High surge capability
• High temperature soldering guaranteed
• Mounting position: any
High current capability
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
℃ ambient temperature unless otherwise specified
2
Per diode
Per device
Per diode
20


Similar Part No. - MBRF20150AT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF20150 TSC-MBRF20150 Datasheet
272Kb / 2P
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
MBRF20150 LUGUANG-MBRF20150 Datasheet
214Kb / 2P
Isolated 20.0AMP. Schottky Barrier Rectifiers
logo
SAMYANG ELECTRONICS CO....
MBRF20150 SAMYANG-MBRF20150 Datasheet
1Mb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
MBRF201500CT CHENDA-MBRF201500CT Datasheet
696Kb / 2P
150 to 200 Volts Forward Current - 20.0 Amperes
logo
Mospec Semiconductor
MBRF20150C MOSPEC-MBRF20150C Datasheet
149Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
More results

Similar Description - MBRF20150AT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MBR2020CT PANJIT-MBR2020CT Datasheet
45Kb / 2P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2040CT PANJIT-MBR2040CT Datasheet
87Kb / 2P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2040FCT PANJIT-MBR2040FCT Datasheet
94Kb / 2P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2040DC-AU PANJIT-MBR2040DC-AU Datasheet
232Kb / 5P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
MBR20100CTL DYELEC-MBR20100CTL Datasheet
1Mb / 3P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBRF20100CT DYELEC-MBRF20100CT Datasheet
1Mb / 3P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR2040CT PANJIT-MBR2040CT_16 Datasheet
275Kb / 4P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2040DC PANJIT-MBR2040DC_16 Datasheet
197Kb / 5P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2040DC-AU PANJIT-MBR2040DC-AU_16 Datasheet
195Kb / 5P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2040FCT PANJIT-MBR2040FCT_16 Datasheet
268Kb / 4P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com