Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMA-A101-R8WJ1 Datasheet(PDF) 6 Page - Broadcom Corporation.

Part # HSMA-A101-R8WJ1
Description  PLCC-2, Surface Mount LED Indicator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMA-A101-R8WJ1 Datasheet(HTML) 6 Page - Broadcom Corporation.

Back Button HSMA-A101-R8WJ1 Datasheet HTML 2Page - Broadcom Corporation. HSMA-A101-R8WJ1 Datasheet HTML 3Page - Broadcom Corporation. HSMA-A101-R8WJ1 Datasheet HTML 4Page - Broadcom Corporation. HSMA-A101-R8WJ1 Datasheet HTML 5Page - Broadcom Corporation. HSMA-A101-R8WJ1 Datasheet HTML 6Page - Broadcom Corporation. HSMA-A101-R8WJ1 Datasheet HTML 7Page - Broadcom Corporation. HSMA-A101-R8WJ1 Datasheet HTML 8Page - Broadcom Corporation. HSMA-A101-R8WJ1 Datasheet HTML 9Page - Broadcom Corporation. HSMA-A101-R8WJ1 Datasheet HTML 10Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Broadcom
AV02-0198EN
6
HSMx-A10x-xxxxx Data Sheet
PLCC-2, Surface Mount LED Indicator
Optical Characteristics (TA = 25°C)
Electrical Characteristics (TA = 25°C)
Color
Part Number
Dice
Technology
Peak
Wavelength
λPEAK (nm)
Typ.
Dominant
Wavelengtha
λD (nm)
Typ.
a. The dominant wavelength, λD, is derived from the CIE Chromaticity Diagram and represents the color of the device.
Viewing Angle
2 θ1/2b
(Degrees)
Typ.
b. θ1/2 is the off -axis angle where the luminous intensity is 1/2 the peak intensity.
Luminous
Efficacy ηvc
(lm/W)
Typ.
c. Radiant intensity, Ie in watts/steradian, may be calculated from the equation Ie = Iv/ηv, where Iv is the luminous intensity in candelas and ηv
is the luminous efficacy in lumens/watt.
Luminous
Intensity/Total
Flux Iv(mcd)/
Φv(mlm) Typ.
Red
HSMS-A100
GaP
635
626
120
120
0.45
HSMH-A100
AlGaAs
645
637
120
63
0.45
HSMC-A10x
AlInGaP
635
626
120
150
0.45
HSMZ-A100
AlInGaP
635
626
120
155
0.45
Red
HSMJ-A10x
AlInGaP
621
615
120
240
0.45
Orange
HSMV-A100
AlInGaP
623
617
120
263
0.45
Orange
HSMD-A100
GaP
600
602
120
380
0.45
HSML-A10x
AlInGaP
609
605
120
320
0.45
Amber
HSMY-A100
GaP
583
585
120
520
0.45
HSMA-A10x
AlInGaP
592
590
120
480
0.45
HSMU-A100
AlInGaP
594
592
120
500
0.45
Yellow
Green
HSMG-A100
GaP
565
569
120
590
0.45
HSME-A100
AlInGaP
575
570
120
560
0.45
Emerald
Green
HSMG-A100
GaP
558
560
120
650
0.45
HSME-A100
AlInGaP
566
560
120
610
0.45
Green
HSMM-A10x
InGaN
523
525
120
500
0.45
Blue
HSMN-A10x
InGaN
468
470
120
75
0.45
Part Number
Forward Voltage VF (Volts) at IF = 20 mA
Reverse Voltage VR
at 100 µA Min.
Reverse Voltage VR
at 10 µA Min.
Thermal Resistance
RθJP (°CW)
Typ.
Max.
HSMS/D/Y/G
2.2
2.6
5
180
HSMH
1.9
2.6
5
180
HSMC/J/L/A/E
1.9
2.4
5
280
HSMZ/V/U
1.9
2.4
5
280
HSMM/N
3.4
4.05
5
280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com