Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMA-A101-R8WJ1 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # HSMA-A101-R8WJ1
Description  PLCC-2, Surface Mount LED Indicator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMA-A101-R8WJ1 Datasheet(HTML) 1 Page - Broadcom Corporation.

  HSMA-A101-R8WJ1 Datasheet HTML 1Page - Broadcom Corporation. HSMA-A101-R8WJ1 Datasheet HTML 2Page - Broadcom Corporation. HSMA-A101-R8WJ1 Datasheet HTML 3Page - Broadcom Corporation. HSMA-A101-R8WJ1 Datasheet HTML 4Page - Broadcom Corporation. HSMA-A101-R8WJ1 Datasheet HTML 5Page - Broadcom Corporation. HSMA-A101-R8WJ1 Datasheet HTML 6Page - Broadcom Corporation. HSMA-A101-R8WJ1 Datasheet HTML 7Page - Broadcom Corporation. HSMA-A101-R8WJ1 Datasheet HTML 8Page - Broadcom Corporation. HSMA-A101-R8WJ1 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Data Sheet
Broadcom
AV02-0198EN
April 9, 2020
Description
This family of SMT LEDs is packaged in the industry
standard PLCC-2 package. These SMT LEDs have high
reliability performance and are designed to work under a
wide range of environmental conditions. This high reliability
feature makes them ideally suited to be used under harsh
interior automotive as well as interior signs application
conditions.
To facilitate easy pick-and-place assembly, the LEDs are
packed in EIA-compliant tape and reel. Every reel will be
shipped in single intensity and color bin, except red color, to
provide close uniformity.
These LEDs are compatible with IR solder reflow process.
Due to the high reliability feature of these products, they can
also be mounted using through-the-wave soldering process.
The super wide viewing angle at 120° makes these LEDs
ideally suited for panel, push button, or general backlighting
in automotive interior, office equipment, industrial
equipment, and home appliances. The flat top emitting
surface makes it easy for these LEDs to mate with light
pipes. With the built-in reflector pushing up the intensity of
the light output, these LEDs are also suitable to be used as
LED pixels in interior electronic signs.
Features
Industry standard PLCC-2 package
High reliability LED package
High brightness using AlInGaP and InGaN dice
technologies
Available in full selection of colors
Super wide viewing angle at 120°
Available in 8-mm carrier tape on 7-in. reel
(2000 pieces)
Compatible with both IR and TTW soldering process
Applications
Interior automotive
– Instrument panel backlighting
– Central console backlighting
– Switch/push button backlighting
Electronic signs and signals
– Interior full color sign
– Variable message sign
Office automation, home appliances, industrial
equipment
– Front panel backlighting
– Push button backlighting
– Display backlighting
CAUTION! HSMN, M, and E-A10x-xxxxx LEDs are Class 2 ESD sensitive. Please observe appropriate precautions during
handling and processing. Refer to Broadcom Application Note AN-1142 for additional details.
HSMx-A10x-xxxxx
PLCC-2, Surface Mount LED Indicator


Similar Part No. - HSMA-A101-R8WJ1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMA-A101-R8WJ1 HP-HSMA-A101-R8WJ1 Datasheet
116Kb / 13P
Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-A101-R8WJ1 AVAGO-HSMA-A101-R8WJ1 Datasheet
330Kb / 13P
Surface Mount LED Indicator
HSMA-A101-R8WJ1 AVAGO-HSMA-A101-R8WJ1 Datasheet
356Kb / 13P
PLCC-2, Surface Mount LED Indicator Industry standard PLCC-2 package
logo
Agilent(Hewlett-Packard...
HSMA-A101-R8WJ1 HP-HSMA-A101-R8WJ1 Datasheet
152Kb / 14P
Agilent HSMx-A10x-xxxxx PLCC-2 Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMA-A101-R8WJ1 BOARDCOM-HSMA-A101-R8WJ1 Datasheet
788Kb / 17P
PLCC-2, Surface Mount LED Indicator
More results

Similar Description - HSMA-A101-R8WJ1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMW-A10X-XXXXX AVAGO-HSMW-A10X-XXXXX Datasheet
240Kb / 8P
White Surface Mount LED Indicator SMT PLCC-2
HSMC-A100-P70J1 AVAGO-HSMC-A100-P70J1 Datasheet
301Kb / 13P
PLCC-2, Surface Mount LED Indicator
HSMS-A100-J00J1 AVAGO-HSMS-A100-J00J1 Datasheet
356Kb / 13P
PLCC-2, Surface Mount LED Indicator Industry standard PLCC-2 package
ASMT-UWB1-NX302 AVAGO-ASMT-UWB1-NX302 Datasheet
118Kb / 8P
OneWhite Surface Mount PLCC-2 LED Indicator
ASMT-UWB1-ZX302 AVAGO-ASMT-UWB1-ZX302 Datasheet
477Kb / 9P
OneWhite Surface Mount PLCC-2 LED Indicator
ASMT-UWB2-NX302 AVAGO-ASMT-UWB2-NX302 Datasheet
352Kb / 9P
OneWhite Surface Mount PLCC-2 LED Indicator
HSMW-A100-U40H1 AVAGO-HSMW-A100-U40H1 Datasheet
246Kb / 8P
White Surface Mount LED Indicator SMT PLCC-2
logo
Broadcom Corporation.
ASMT-UWB1-NX302 BOARDCOM-ASMT-UWB1-NX302 Datasheet
780Kb / 12P
OneWhite Surface-Mount PLCC-2 LED Indicator
HSMS-A100-J00J1 BOARDCOM-HSMS-A100-J00J1 Datasheet
788Kb / 17P
PLCC-2, Surface Mount LED Indicator
ASMT-UWB1-NXXXX BOARDCOM-ASMT-UWB1-NXXXX Datasheet
726Kb / 12P
OneWhite Surface-Mount PLCC-2 LED Indicator
June 5, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com