Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMA-A100-R40J1 Datasheet(PDF) 5 Page - Broadcom Corporation.

Part # HSMA-A100-R40J1
Description  PLCC-2, Surface Mount LED Indicator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMA-A100-R40J1 Datasheet(HTML) 5 Page - Broadcom Corporation.

  HSMA-A100-R40J1 Datasheet HTML 1Page - Broadcom Corporation. HSMA-A100-R40J1 Datasheet HTML 2Page - Broadcom Corporation. HSMA-A100-R40J1 Datasheet HTML 3Page - Broadcom Corporation. HSMA-A100-R40J1 Datasheet HTML 4Page - Broadcom Corporation. HSMA-A100-R40J1 Datasheet HTML 5Page - Broadcom Corporation. HSMA-A100-R40J1 Datasheet HTML 6Page - Broadcom Corporation. HSMA-A100-R40J1 Datasheet HTML 7Page - Broadcom Corporation. HSMA-A100-R40J1 Datasheet HTML 8Page - Broadcom Corporation. HSMA-A100-R40J1 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Broadcom
AV02-0198EN
5
HSMx-A10x-xxxxx Data Sheet
PLCC-2, Surface Mount LED Indicator
Blue
Part Numbering System
Absolute Maximum Ratings (TA = 25°C)
Part Number
Min. IV (mcd)
Typ. IV (mcd)
Max. IV (mcd)
Test Current (mA)
Dice Technology
HSMN-A101-N00J1
28.50
50.00
—
20
InGaN
HSMN-A100-P00J1
45.00
70.00
—
20
InGaN
HSMN-A100-S4YJ1
180.00
—
450.00
20
InGaN
HSMN-A100-R8YJ1
140.00
—
355.00
20
InGaN
HSMN-A100-R00J1
112.50
—
—
20
InGaN
Parameters
HSMS/D/Y/G
HSMH
HSMC/J/L/A
HSME
HSMZ/V/U
HSMM/N
DC Forward Currenta
a. Derate linearly as shown in Figure 4.
30 mA
30 mA
30 mAb, c
b. Drive current between 10 mA and 30 mA is recommended for best long term performance.
c. Operation at current below 5 mA is not recommended.
20 mAc
30 mAb, c
30 mA
Peak Forward Currentd
d. Duty factor = 10%, frequency = 1 kHz.
100 mA
100 mA
100 mA
100 mA
100 mA
100 mA
Power Dissipation
63 mW
60 mW
63 mW
48 mW
63 mW
114 mA
Reverse Voltage
5V
Junction Temperature
110°C
Operating Temperature
–55°C to +100°C
Storage Temperature
–55°C to +100°C
Packaging Option
Color Bin Selection
Intensity Bin Select
Package Type
Device Specific Configuration
LED Chip Color
HSM x1 - A x2 x3x4 - x5x6 x7 x8x9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com