Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMA-A100-R40J1 Datasheet(PDF) 14 Page - Broadcom Corporation.

Part # HSMA-A100-R40J1
Description  PLCC-2, Surface Mount LED Indicator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMA-A100-R40J1 Datasheet(HTML) 14 Page - Broadcom Corporation.

Back Button HSMA-A100-R40J1 Datasheet HTML 9Page - Broadcom Corporation. HSMA-A100-R40J1 Datasheet HTML 10Page - Broadcom Corporation. HSMA-A100-R40J1 Datasheet HTML 11Page - Broadcom Corporation. HSMA-A100-R40J1 Datasheet HTML 12Page - Broadcom Corporation. HSMA-A100-R40J1 Datasheet HTML 13Page - Broadcom Corporation. HSMA-A100-R40J1 Datasheet HTML 14Page - Broadcom Corporation. HSMA-A100-R40J1 Datasheet HTML 15Page - Broadcom Corporation. HSMA-A100-R40J1 Datasheet HTML 16Page - Broadcom Corporation. HSMA-A100-R40J1 Datasheet HTML 17Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
HSMx-A10x-xxxxx Data Sheet
PLCC-2, Surface Mount LED Indicator
Broadcom
AV02-0198EN
14
Packaging Option (X8X9)
Precautionary Notes
Soldering
Do not perform reflow soldering more than twice.
Observe necessary precautions of handling moisture-
sensitive device as stated in the following section.
Do not apply any pressure or force on the LED during
reflow and after reflow when the LED is still hot.
Use reflow soldering to solder the LED. Use hand
soldering only for rework if unavoidable, but it must be
strictly controlled to following conditions:
– Soldering iron tip temperature = 315°C maximum.
– Soldering duration = 3 seconds maximum.
– Number of cycles = 1 only
– Power of soldering iron = 50W maximum.
Do not touch the LED package body with the soldering
iron except for the soldering terminals, as it may cause
damage to the LED.
Confirm beforehand whether the functionality and
performance of the LED is affected by soldering with
hand soldering.
Figure 14: Recommended Pb-Free Reflow Soldering Profile
Figure 15: Recommended Board Reflow Direction
Handling Precautions
For automated pick and place, Broadcom has tested a
nozzle size with OD 1.5 mm to work with this LED. However,
due to the possibility of variations in other parameters such
as pick and place machine maker/model, and other settings
of the machine, verify that the selected nozzle will not cause
damage to the LED.
Option
Test Current
Package Type
Reel Size
J1
20 mA
Top Mount
7 in.
J4
20 mA
Top Mount
13 in.
H1
20 mA
Reverse Mount
7 in.
H4
20 mA
Reverse Mount
13 in.
J2
10 mA
Top Mount
7 in.
J5
10 mA
Top Mount
13 in.
H2
10 mA
Reverse Mount
7 in.
H5
10 mA
Reverse Mount
13 in.
L2
2 mA
Top Mount
7 in.
217 C
200 C
60 - 120 SEC.
6 C/SEC. MAX.
3 C/SEC. MAX.
(Acc. to J-STD-020C)
3 C/SEC. MAX.
150 C
255 - 260 C
100 SEC. MAX.
10 to 30 SEC.
TIME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com