Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC143XM Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # DTC143XM
Description  Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

DTC143XM Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  DTC143XM Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd DTC143XM Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd DTC143XM Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd DTC143XM Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd DTC143XM Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd DTC143XM Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
0
6
12
18
24
30
0
1
2
3
4
5
6
0.00.4
0.81.2
1.6
0.01
0.1
1
10
0.1
1
10
100
0.1
1
10
100
0.1
1
10
100
1
10
100
1000
0
25
50
75
100
125
150
0
100
200
300
400
10
100
10
100
1000
OFF Characteristics
f=1MHz
T
a
=25 ℃
C
O
——
V
R
REVERSE VOLTAGE
V
R
(V)
T
a
=100 ℃
T
a
=25
oC
V
CC
=5V
INPUT VOLTAGE
V
I(OFF)
(V)
ON Characteristics
T
a
=25 ℃
T
a
=100 ℃
V
O
=0.3V
OUTPUT CURRENT
I
O
(mA)
T
a
=100 ℃
T
a
=25 ℃
OUTPUT CURRENT
I
O
(mA)
V
O
=5V
G
I
——
I
O
DTC143XM
P
D
——
T
a
AMBIENT TEMPERATURE
T
a
(
)
℃
DTC143XSA
DTC143XUA/CA/KA
DTC143XE
300
30
2
V
O(ON)
——
I
O
T
a
=25 ℃
T
a
=100 ℃
I
O
/I
I
=20
OUTPUT CURRENT
I
O
(mA)
Typical Characteristics
DTC143XCA
Rev :
www.leiditech.com
01.06.2018
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com