Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC143XM Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # DTC143XM
Description  Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

DTC143XM Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  DTC143XM Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd DTC143XM Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd DTC143XM Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd DTC143XM Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd DTC143XM Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd DTC143XM Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
·Equivalent Circuit
FEATURES
Built-in bias resistors enable the configuration of an inverter circuit
without connecting external input resistors(see equivalent circuit)
The bias resistors consist of thin-film resistors with complete isolation
to allow negative biasing of the input.They also have the advantage of
almost completely eliminating parasitic effects
Only the on/off conditions need to be se
PIN CONNENCTIONS and MARKING
DTC143XM
SOT-723
1. IN
2. GND
3. OUT
DTC143XE
SOT-523
1. IN
2. GND
3. OUT
DTC143XUA
SOT-323
1. IN
2. GND
3. OUT
DTC143XKA
SOT-23-3L
1. IN
2. GND
3. OUT
DTC143XCA
SOT-23
1.IN
2.GND
3.OUT
DTC143XSA
TO-92S
1. GND
2. OUT
3. IN
1
2
3
1
2
3
1
2
3
1
3
2
1
2
3
1
3
2
DIgItal Transistor (NPN)
DTC143XCA
t for operation, making device
design easy
Rev :
www.leiditech.com
01.06.2018
1/6


Similar Part No. - DTC143XM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC143XM ROHM-DTC143XM Datasheet
89Kb / 4P
Digital transistors (built-in resistors)
DTC143XM ROHM-DTC143XM Datasheet
878Kb / 3P
DTA/DTC SERIES
DTC143XM ROHM-DTC143XM Datasheet
148Kb / 3P
100mA / 50V Digital transistors (with built-in resistors)
logo
Tiger Electronic Co.,Lt...
DTC143XM TGS-DTC143XM Datasheet
213Kb / 2P
Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC143XM SECOS-DTC143XM Datasheet
156Kb / 2P
NPN Digital Transistors(Built-in Resistors)
More results

Similar Description - DTC143XM

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTA123E UTC-DTA123E Datasheet
191Kb / 3P
DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS)
DTA144E UTC-DTA144E Datasheet
101Kb / 3P
DIGITAL TRANSISTORS (BUILT-IN BIAS RESISTORS)
DTB114E UTC-DTB114E Datasheet
100Kb / 3P
DIGITAL TRANSISTORS (BUILT-IN BIAS RESISTORS)
DTB123Y UTC-DTB123Y Datasheet
90Kb / 3P
DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS)
DTA114T UTC-DTA114T Datasheet
160Kb / 3P
DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS)
logo
Rohm
DTA114ESATP ROHM-DTA114ESATP Datasheet
75Kb / 4P
Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors
DTC123TKAT146 ROHM-DTC123TKAT146 Datasheet
51Kb / 4P
Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors
logo
Zhaoxingwei Electronics...
LTC043ZMT2L ZHAOXINGWEI-LTC043ZMT2L Datasheet
406Kb / 2P
Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit).
logo
Nanjing International G...
DTC114EM DGNJDZ-DTC114EM Datasheet
1Mb / 3P
Built-in bias resistors enable the configuration
logo
Shanghai Leiditech Elec...
DTC114YM LEIDITECH-DTC114YM Datasheet
893Kb / 5P
Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com