Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA05 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ESDA05
Description  Electrical Specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

ESDA05 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  ESDA05 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd ESDA05 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd ESDA05 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd ESDA05 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd ESDA05 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1. Electrical Specification
1-1 Test condition
Varistor voltage
In = 1 mA DC
Leakage current
Vdc = 5.5 V DC
Maximum clamping voltage
Ic = 1 A
Rated peak single pulse transient current
8 / 20
㎲ waveform, +/- each 1 time induce
Capacitance
10/1000
㎲ waveform
Insulation resistance after reflow soldering
f = 1MHz, Vrms = 0.5 V
Reflow soldering condition
Soldering paste : Tamura (Japan) RMA-20-21L
Stencil : SUS, 120
㎛ thickness
Pad size : 0.8 (Width) x 0.9 (Length)
0.8 (Distance between pads)
Soldering profile : 260±5
℃, 5 sec.
1-2 Electrical specification
Maximum allowable continuous DC voltage
5.5
V
trigger voltage / Varistor voltage / breakdown voltage
12
V
Maximum clamping voltage
25
V
Maximum
Rated peak single pulse transient current
1
A
Maximum
Nonlinearity coefficient
> 12
Leakage current at continuous DC voltage
< 0.1
㎂
Response time
< 0.5
ns
Varistor voltage temperature coefficient
< 0.05
%/
℃
Capacitance measured at 1MHz
5
pF
Typical
Capacitance tolerance
-50 to +80
%
Insulation resistance after reflow soldering on PCB
> 10
M
Ω
Operating ambient temperature
-55 to +125
℃
Storage temperature
-55 to +125
℃
ESDA05
Rev :
www.leiditech.com
01.06.2018
1/5


Similar Part No. - ESDA05

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ESDA0504CW LEIDITECH-ESDA0504CW Datasheet
188Kb / 3P
Quad TVS Diode Array
ESDA0504T5 LEIDITECH-ESDA0504T5 Datasheet
127Kb / 3P
USB 2.0 power and data line
ESDA0505CT6 LEIDITECH-ESDA0505CT6 Datasheet
178Kb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY FOR QUADRI PROTECTION
ESDA0506P6 LEIDITECH-ESDA0506P6 Datasheet
167Kb / 3P
LOW CAPACITANCE TVS DIODE ARRAY
logo
STMicroelectronics
ESDA051-1JY STMICROELECTRONICS-ESDA051-1JY Datasheet
618Kb / 11P
Automotive 5 V TVS in SOD323
05-Nov-2019
More results

Similar Description - ESDA05

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S558-5999-AF-F BEL-S558-5999-AF-F Datasheet
64Kb / 2P
ELECTRICAL SPECIFICATION
S558-5999-AN-F BEL-S558-5999-AN-F Datasheet
58Kb / 2P
ELECTRICAL SPECIFICATION
X558-5999-C0-F BEL-X558-5999-C0-F Datasheet
68Kb / 2P
ELECTRICAL SPECIFICATION
S560-6600-JW BEL-S560-6600-JW Datasheet
115Kb / 2P
ELECTRICAL SPECIFICATION
S553-6500-E6-F BEL-S553-6500-E6-F Datasheet
58Kb / 2P
ELECTRICAL SPECIFICATION
S558-10GB-05 BEL-S558-10GB-05 Datasheet
312Kb / 2P
Electrical Specification
X5585999Q2-F BEL-X5585999Q2-F Datasheet
218Kb / 2P
ELECTRICAL SPECIFICATION
logo
Shoulder Electronics Li...
HDF384CS4 SHOULDER-HDF384CS4 Datasheet
196Kb / 8P
ELECTRICAL SPECIFICATION
logo
Laird Tech Smart Techno...
66T0238-00P LSTD-66T0238-00P Datasheet
48Kb / 1P
ELECTRICAL SPECIFICATION
logo
Shanghai Leiditech Elec...
SMD4532-400 LEIDITECH-SMD4532-400 Datasheet
271Kb / 3P
SPECIFICATION ELECTRICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com