Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA12 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ESDA12
Description  Rated peak single pulse transient current Capacitance
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

ESDA12 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  ESDA12 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd ESDA12 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd ESDA12 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd ESDA12 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd ESDA12 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ESD
1-3 Reliability testing procedures
Reliability
parameter
Test
Test methods and remarks
Test requirement
Pulse current
capability
Imax
8/20 ㎲
IEC 1051-1, Test 4.5.
10 pulses in the same direction at 2
pulses per minute at maximum peak
current
dVn/Vn≤10%
no visible damage
Electrostatic
discharge
capability
ESD
C=150 pF,
R=330Ω
IEC 1000-4-2
Each 10 times in positive/negative
direction in 10 sec at 8KV contact
discharge (Level 4)
dVn/Vn≤10%
no visible damage
Environmenta
l reliability
Thermal shock
IEC 68-2-14
Condition for 1 cycle
Step 1 : Min. –40℃, 30±3 min.
Step 2 : Max. +125℃, 30±3 min.
Number of cycles: 30 times
dVn/Vn≤5%
no visible damage
Low temperature
IEC 68-2-1
Place the chip at -40±5℃ for 1000±
12hrs. Remove and place for 24±2hrs at
room temp. condition, then measure
dVn/Vn≤5%
no visible damage
High temperature
IEC 68-2-2
Place the chip at 125±5℃ for 1000±
24hrs. Remove and place for 24±2hrs at
room temp. condition, then measure
dVn/Vn≤5%
no visible damage
Heat resistance
IEC 68-2-3
Apply the rated voltage for 1000±48hrs
at 85±3℃. Remove and place for 24±
2hrs at room temp. condition, then
measure
dVn/Vn≤5%
no visible damage
Humidity
resistance
IEC 68-2-30
Place the chip at 40±2℃ and 90 to 95%
humidity for 1000±24hrs. Remove and
place for 24±2hrs at room temp.
condition, then measure
dVn/Vn≤10%
no visible damage
Pressure cooker
test
Place the chip at 2 atm, 120℃, 85%RH
for 60 hrs. Remove and place for 24±
2hrs at room temp. condition, then
measure
dVn/Vn≤10%
no visible damage
Operating life
Apply the rated voltage for 1000±48hrs
at 125±3℃. Remove and place for 24±
2hrs at room temp. condition, then
measure
dVn/Vn≤10%
no visible damage
ESDA12
Rev :
www.leiditech.com
01.06.2018
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com