Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA12 Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ESDA12
Description  Rated peak single pulse transient current Capacitance
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

ESDA12 Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  ESDA12 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd ESDA12 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd ESDA12 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd ESDA12 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd ESDA12 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ESD
Mechanical
Reliability
Solderability
IEC 68-2-58
Solder bath method, 230±5℃, 2s
At least 95% of terminal
electrode is covered by
new solder
Resistance to
soldering heat
IEC 68-2-58
Solder bath method,
260±5℃, 10±0.5s, 270±5℃, 3±0.5s
dVn/Vn≤5%
no visible damage
Bending strength
IEC 68-2-21
Warp:2mm, Speed:0.5mm/sec, Duration:
10sec. The measurement shall be made
with board in the bent position
dVn/Vn≤5%
no visible damage
Adhesive strength IEC 68-2-22
Applied force on SMD chip by fracture
from PCB
Strength>10 N
no visible damage
2. Material Specification
Body
ZnO based ceramics
Internal electrode
Silver – Palladium
External electrode
Silver – Nickel – Tin
Thickness of Ni/Sn plating layer
Nickel > 1 ㎛, Tin > 2 ㎛
3. Dimension Specification
4. Soldering Recommendations
4-1 Soldering profile
Size
L(mm)
W(mm)
T(mm)
M(mm)
0402
1.0±0.10
0.5±0.10
≤ 0.6
0.20±0.10
0603
1.6±0.15
0.8±0.15
≤ 0.9
0.35±0.10
W
L
M
ESDA12
Rev :
www.leiditech.com
01.06.2018
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com