Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMPB2 Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # FMPB2
Description  Proximity Magnetic Sensors Cylindrical Housing FMP Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

FMPB2 Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  FMPB2 Datasheet HTML 1Page - Carlo Gavazzi Holding AG FMPB2 Datasheet HTML 2Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Specifications are subject to change without notice (04.10.10)
FMP Series
Dimensions
Operating Distance
Magnetic Units
CL20S1*
FMPA7
26
FMPA9
7
FMPA9S1
17
FMPC7
23
FMPC9
26
FMPS1
20
FMPB2
15
Distances are specified in millimeters (mm)
xx/xx: operating distance (for all Output functions).
*frontal operation.
Output function Bistable
black
blue
Output function NC
Output function NO
Output function CO
black
blue
blue
yellow
black
blue
yellow
100
M12 x 1
black
blue
Wiring Diagrams
Operating distance
See Operating Distance
table
Suitable magnetic unit
See Operating Distance
table
Operating distance
8 ÷ 27 mm
Operating temperature
-25 to +75 °C
Degree of protection
IP 67
Housing
Diameter
M12 x 1 mm
Material
Plastic
Colour
FMPA7, FMPA9, FMPA9S1
Black
FMPC7, FMPC9
Red
FMPS1
Blue
FMPB2
Grey
CE-marking
Yes
General Specifications



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com