Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMPB2 Datasheet(PDF) 1 Page - Carlo Gavazzi Holding AG

Part # FMPB2
Description  Proximity Magnetic Sensors Cylindrical Housing FMP Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

FMPB2 Datasheet(HTML) 1 Page - Carlo Gavazzi Holding AG

  FMPB2 Datasheet HTML 1Page - Carlo Gavazzi Holding AG FMPB2 Datasheet HTML 2Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice (04.10.10)
1
Contact ratings (cont.)
Max Switching Power
FMPB2
120 VA
FMPA7
10 VA
FMPA9, FMPA9S1, FMPC9
60 VA
FMPC7
10 VA
FMPS1
5 VA
Minimum Wetting Current (*)
200 µA
(*) Minimum current required to
prevent oxidation between the
reed contacts
Type Selection
Proximity Magnetic Sensors
Cylindrical Housing
FMP Series
• Cylindrical threaded plastic housing
in different colours based on the output function
• M12 diameter
• NO, NC, bistable or CO output functions
• Front side switching
Ordering Key
FMP A 7 S1
The sensors of the FMP
series are housed in a plas-
tic threaded housing avail-
able
in
different
colours
based on the output func-
tion. The different versions
have NO (Normally Open),
NC
(Normally
Closed),
Bistable
or
CO
(Change-
over) output contacts. All
versions can be mounted
directly
on
ferromagnetic
supports as well; in this situ-
ation
a
reduction
in
the
operating
distance
may
occur due to a loss of mag-
netic field.
The FMP series is provided
with two plastic nuts.
Product Description
Type
Output function
Reed contact type
Special version
Output
FMPA7, FMPA9, FMPA9S1
NO
FMPC7, FMPC9
NC
FMPS1
Change-over
FMPB2
Bistable
Contact ratings
Max Switching Voltage
FMPB2
250 V AC/DC
FMPA7
200 VDC, 140 VAC
FMPA9, FMPA9S1, FMPC9
230 V AC/DC
FMPC7
120 V AC/DC
FMPS1
175 VDC, 120 VAC
Max Switching Current
FMPB2
3 A
FMPA7
1 A
FMPA9, FMPA9S1, FMPC9
3 A
FMPC7
0.5 A
FMPS1
0.25 A
Output Specifications
Housing diameter
Housing colour
Connection
Output function
Reference
M12
Black
PVC cable L= 2m
NO
FMP A 7
M12
Black
PVC cable L= 2m
NO
FMP A 9
M12
Black
PVC cable L= 2m
NO
FMP A 9 S1
M12
Red
PVC cable L= 2m
NC
FMP C 7
M12
Red
PVC cable L= 2m
NC
FMP C 9
M12
Blue
PVC cable L= 2m
CO
FMP S 1
M12
Grey
PVC cable L= 2m
Bistable
FMP B 2
Diameters are specified in millimeters (mm)


Similar Part No. - FMPB2

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMPB1000 FAIRVIEW-FMPB1000 Datasheet
747Kb / 7P
Coaxial RF GSG Probe with 800 Micron Pitch Up to 20 GHz with 3.5mm Interface and Cable Mount
REV 1.1
FMPB1001 FAIRVIEW-FMPB1001 Datasheet
701Kb / 7P
Coaxial RF GSG Probe with 1,500 Micron Pitch Up to 20 GHz with 3.5mm Interface and Cable Mount
REV 1.1
FMPB1002 FAIRVIEW-FMPB1002 Datasheet
732Kb / 7P
Coaxial RF GS Probe with 800 Micron Pitch Up to 20 GHz with 3.5mm Interface and Cable Mount
REV 1.1
FMPB1003 FAIRVIEW-FMPB1003 Datasheet
696Kb / 7P
Coaxial RF GS Probe with 1,500 Micron Pitch Up to 20 GHz with 3.5mm Interface and Cable Mount
REV 1.1
FMPB1004 FAIRVIEW-FMPB1004 Datasheet
263Kb / 3P
Coaxial RF GSG Probe with 800 Micron Pitch Up to 40 GHz with 2.92mm Interface and Cable Mount
REV B
More results

Similar Description - FMPB2

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
FSMS2S2AT CARLOGAVAZZI-FSMS2S2AT Datasheet
64Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
FSLPA7 CARLOGAVAZZI-FSLPA7 Datasheet
44Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
FSA2S32MT CARLOGAVAZZI-FSA2S32MT Datasheet
73Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
FMMPA7L25 CARLOGAVAZZI-FMMPA7L25 Datasheet
40Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
FMMA3 CARLOGAVAZZI-FMMA3 Datasheet
46Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
FMC3S1 CARLOGAVAZZI-FMC3S1 Datasheet
64Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
SB2S5 CARLOGAVAZZI-SB2S5 Datasheet
55Kb / 2P
Proximity Magnetic Sensors Rectangular Housing
MSA1 CARLOGAVAZZI-MSA1 Datasheet
54Kb / 2P
Proximity Magnetic Sensors Rectangular Housing
MMA3 CARLOGAVAZZI-MMA3 Datasheet
54Kb / 2P
Proximity Magnetic Sensors Rectangular Housing
SPD242403 CARLOGAVAZZI-SPD242403 Datasheet
179Kb / 3P
Proximity Magnetic Sensors Rectangular Housing SPB2 Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com