Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3052 Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # 2SC3052
Description  NPN Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

2SC3052 Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  2SC3052 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. 2SC3052 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. 2SC3052 Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd. 2SC3052 Datasheet HTML 4Page - Jinan Jing Heng Electronics Co., Ltd. 2SC3052 Datasheet HTML 5Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC3052
JINAN JINGHENG ELECTRONICS CO., LTD.
5-2
HTTP://WWW.JINGHENG.CN
ELECTRICAL CHARACTERISTICS(TA=25°C Unless otherwise specified)
AVAILABALE PACK INFORMATION
Product code
Quantity
(Pcs/reel)
Reel Size
(mm)
Quantity
(pcs/carton)
2SC3052
3K
Φ180
30K
T/R
Pack
Quantity
(pcs/box)
120K
CLASSIFICATION OF h FE(1)
Rank
Range
150-300
G
400-800
E
Symbol
Unit
Conditions
Min
Max
Collector-Emitter Breakdown Voltage
V(BR)CEO
Collector-Base Breakdown Voltage
V(BR)CBO
Emitter-Base Breakdown Voltage
V(BR)EBO
Collector cut-off Current
ICBO
Emitter cut-off Current
IEBO
Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
V
V
V
nA
nA
DC Current Gain
Output Capacitance
Noise Figure
VCE(sat)
VBE(sat)
Cob
fT
NF
V
V
pF
MHZ
dB
IC=100μA,IB=0
50
---
IC=100μA,IE=0
50
---
IE=100μA,IC=0
6
---
VCB=50V,IE=0
---
100
VEB=6V,Ic=0
---
100
IC=10mA,VCE=5V
IC=0.1mA,VCE=6V
IC=100mA,IB=10mA
---
0.3
IC=100mA,IB=10mA
---
VCB=6V,f=1.0MHZ,IE=0
180
f=30MHZ
VCE=6.0V,f=1.0kHZ,
IE=100μA, RG= 2KΩ
---
IC=1mA,VCE=6V
---
---
150
800
Parameter
---
hFE(1)
50
F
250-500
Marking
LE
LF
LG
4
1.0
hFE(2)
Transition frequency
15



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com