Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3052 Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # 2SC3052
Description  NPN Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

2SC3052 Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  2SC3052 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. 2SC3052 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. 2SC3052 Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd. 2SC3052 Datasheet HTML 4Page - Jinan Jing Heng Electronics Co., Ltd. 2SC3052 Datasheet HTML 5Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SС3052
NPN Plastic-Encapsulate Transistors
JINAN JINGHENG ELECTRONICS CO., LTD.
5-1
HTTP://WWW.JINGHENG.CN
R
S E M I C O N D U C T O R
SOT-23
B
C
E
FEATURES
MAXIMUM RATINGS(TA=25°C Unless otherwise specified)
C
B
E
MECHANICAL DATA
Case:SOT-23(TO-236)
Terminals:Plated solderable per MIL-STD-750,method 2026
Mounting Position: Any
Symbol
Unit
Value
Collector-Emitter Voltage
VCEO
V
Collector-Base Voltage
VCBO
V
Emitter-Base Voltage
VEBO
V
Collector Current, Continuous
IC
mA
Collector Power Dissipation
PD
mW
Operation Junction Temperature
TJ
℃
-55 to +150
Storage Temperature
TSTG
℃
-55 to +150
Thermal resistance From junction to ambient
RØJA
℃/W
625
Parameter
50
6
200
150
50
Epoxy meets UL-94 V-0 flammability rating
Pow
er Dissipation of 150mW
Low collector to emitter saturation voltage
Excellent li
nearity of DC forward current gain


Similar Part No. - 2SC3052

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
2SC3052 ISAHAYA-2SC3052 Datasheet
220Kb / 5P
LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
logo
Jiangsu Changjiang Elec...
2SC3052 JIANGSU-2SC3052 Datasheet
80Kb / 1P
TRANSISTOR (NPN)
2SC3052 JIANGSU-2SC3052 Datasheet
36Kb / 1P
TRANSISTOR (NPN)
logo
Guangdong Kexin Industr...
2SC3052 KEXIN-2SC3052 Datasheet
41Kb / 1P
NPN Transistor
logo
SeCoS Halbleitertechnol...
2SC3052 SECOS-2SC3052 Datasheet
352Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
More results

Similar Description - 2SC3052

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC337-16 MCC-BC337-16 Datasheet
125Kb / 3P
NPN Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
S9018T SECOS-S9018T Datasheet
110Kb / 1P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
BCX55 MCC-BCX55 Datasheet
298Kb / 3P
NPN Plastic-Encapsulate Transistors
KTC4075-O MCC-KTC4075-O Datasheet
311Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Bruckewell Technology L...
A42 BWTECH-A42 Datasheet
540Kb / 4P
NPN Plastic-Encapsulate Transistors
S9014 BWTECH-S9014 Datasheet
327Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
2SC2712-O MCC-2SC2712-O_13 Datasheet
277Kb / 3P
NPN Plastic-Encapsulate Transistors
2SC2859-O MCC-2SC2859-O Datasheet
364Kb / 2P
NPN Plastic-Encapsulate Transistors
MMDT2222A MCC-MMDT2222A_13 Datasheet
282Kb / 5P
NPN Plastic-Encapsulate Transistors
MMDT4401 MCC-MMDT4401_13 Datasheet
387Kb / 3P
NPN Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com