Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3356 Datasheet(PDF) 3 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # 2SC3356
Description  NPN Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

2SC3356 Datasheet(HTML) 3 Page - Jinan Jing Heng Electronics Co., Ltd.

  2SC3356 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. 2SC3356 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. 2SC3356 Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd. 2SC3356 Datasheet HTML 4Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
JINAN JINGHENG ELECTRONICS CO., LTD.
4-3
HTTP://WWW.JINGHENG.CN
SOT-23
Dimensions in inches and (millimetrers)
0.6
1.9
Dimensions in millimetrers
Outline Dimensions
Suggested pad layout
0.037(0.90)
0.055(1.40)
0.004(0.100)
0.083(2.70)
0.106(3.10)
0.012(0.30)
0.020(0.50)
0.003(0.08)
0.007(0.19)
0.07(1.78)
0.08(2.04)
0.035(0.89)
0.040(1.02)
2SC3356
hFE ─IC
COLLECTOR CURRENT IC (mA)
0.1
1
10
100
150
VCE=10V
100
1000
COLLECTOR CURRENT IC (mA)
fT ─IC
VCE=10V
0.1
1
10
0.1
1
10
100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com