Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3356 Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # 2SC3356
Description  NPN Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

2SC3356 Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  2SC3356 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. 2SC3356 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. 2SC3356 Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd. 2SC3356 Datasheet HTML 4Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC3356
JINAN JINGHENG ELECTRONICS CO., LTD.
4-2
HTTP://WWW.JINGHENG.CN
ELECTRICAL CHARACTERISTICS(TA=25°C Unless otherwise specified)
AVAILABALE PACK INFORMATION
Product code
Quantity
(Pcs/reel)
Reel Size
(mm)
Quantity
(pcs/carton)
2SC3
356
3K
Φ180
30K
T/R
Pack
Quantity
(pcs/box)
120K
Symbol
Unit
Conditions
Min
Max
Collector cut-off Current
ICBO
Emitter cut-off Current
IEBO
Feed-Back Capacitance
uA
uA
DC Current Gain*
Insertion Power Gain
Noise Figure
Cre* *
2
∣S21e∣
fT
NF
pF
dB
GHZ
dB
VCB=10V,IE=0
---
1.0
VEB=1V,Ic=0
---
1.0
IC=20mA,VCE=10V
VCB=10V,IE=0,f=1.0MHZ
0.55(Typ)
VCE=10V,f=1.0GHZ,IC=20mA
7(Typ)
VCE=10V,f=1.0GHZ,
IC=7mA
1.1(Typ)
IC=20mA,VCE=10V
---
50
100
Parameter
hFE
1.0
Transition frequency
2
125
250
80
160
Characteristics(Typical)
*Pulse measurement PW≤350us,duty cycle≤2.0%
**The emitter terminal and the case shall be connected to the guard terminal of the three-terminal capacitance
25
0
50
125
150
0
100
75
50
100
200
250
AMBIENT TEMPERATURE Ta (℃)
PC ─Ta
150
REVERSE VOLTAGE V (V)
Cob/Cib ─VCB /VEB
0.1
1
2
0.1
1
10
20
f=1MHZ
Q
R
S
11.5(Typ)
---
---



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com