Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4673SD Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4673SD
Description  Filterless, 2.65W, Mono, Class D Audio Power Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4673SD Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4673SD Datasheet HTML 1Page - National Semiconductor (TI) LM4673SD Datasheet HTML 2Page - National Semiconductor (TI) LM4673SD Datasheet HTML 3Page - National Semiconductor (TI) LM4673SD Datasheet HTML 4Page - National Semiconductor (TI) LM4673SD Datasheet HTML 5Page - National Semiconductor (TI) LM4673SD Datasheet HTML 6Page - National Semiconductor (TI) LM4673SD Datasheet HTML 7Page - National Semiconductor (TI) LM4673SD Datasheet HTML 8Page - National Semiconductor (TI) LM4673SD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM4673
Filterless, 2.65W, Mono, Class D Audio Power Amplifier
General Description
The LM4673 is a single supply, high efficiency, 2.65W, mono,
Class D audio amplifier. A low noise, filterless PWM archi-
tecture eliminates the output filter, reducing external compo-
nent count, board area consumption, system cost, and sim-
plifying design.
The LM4673 is designed to meet the demands of mobile
phones and other portable communication devices. Operat-
ing on a single 5V supply, it is capable of driving a 4
Ω
speaker load at a continuous average output of 2.1W with
less than 1% THD+N. Its flexible power supply requirements
allow operation from 2.4V to 5.5V.
The LM4673 has high efficiency with speaker loads com-
pared to a typical Class AB amplifier. With a 3.6V supply
driving an 8
Ω speaker, the IC’s efficiency for a 100mW
power level is 80%, reaching 88% at 400mW output power.
The LM4673 features a low-power consumption shutdown
mode. Shutdown may be enabled by driving the Shutdown
pin to a logic low (GND).
The gain of the LM4673 is externally configurable which
allows independent gain control from multiple sources by
summing the signals. Output short circuit and thermal over-
load protection prevent the device from damage during fault
conditions.
Key Specifications
j Efficiency at 3.6V, 400mW into 8
Ω speaker 88% (typ)
j Efficiency at 3.6V, 100mW into 8
Ω speaker 80% (typ)
j Efficiency at 5V, 1W into 8
Ω speaker
86% (typ)
j Quiescent current, 3.6V supply
2.1mA (typ)
j Total shutdown power supply current
0.01µA (typ)
j Single supply range
2.4V to 5.5V
j PSRR, f = 217Hz
78dB
Features
n
Mono Class D Operation
n
No output filter required for inductive loads
n
Externally configurable gain
n
Very fast turn on time: 17µs (typ)
n
Minimum external components
n
"Click and pop" suppression circuitry
n
Micro-power shutdown mode
n
Available in space-saving 0.4mm pitch micro SMD and
LLP
Tm (Future Product) packages
Applications
n
Mobile phones
n
PDAs
n
Portable electronic devices
Typical Application
Boomer® is a registered trademark of National Semiconductor Corporation.
201522J3
FIGURE 1. Typical Audio Amplifier Application Circuit
December 2005
© 2005 National Semiconductor Corporation
DS201522
www.national.com


Similar Part No. - LM4673SD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4673SD/NOPB TI1-LM4673SD/NOPB Datasheet
4Mb / 28P
LM4673 Filterless, 2.65W, Mono, Class D Audio Power Amplifier
LM4673SDBD TI1-LM4673SDBD Datasheet
4Mb / 29P
Filterless, 2.65W, Mono, Class D Audio Power Amplifier
LM4673SDBD TI1-LM4673SDBD Datasheet
4Mb / 28P
LM4673 Filterless, 2.65W, Mono, Class D Audio Power Amplifier
More results

Similar Description - LM4673SD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4675 NSC-LM4675 Datasheet
925Kb / 19P
Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4673 NSC-LM4673_07 Datasheet
8Mb / 24P
Filterless, 2.65W, Mono, Class D Audio Power Amplifier
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
Filterless Class-D Mono Audio Amplifier
logo
Texas Instruments
LM4675SDBD TI-LM4675SDBD Datasheet
1Mb / 23P
Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4673 TI1-LM4673_14 Datasheet
4Mb / 29P
Filterless, 2.65W, Mono, Class D Audio Power Amplifier
LM4675 TI1-LM4675_14 Datasheet
1Mb / 24P
Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4673 TI-LM4673_15 Datasheet
4Mb / 28P
Filterless, 2.65W, Mono, Class D Audio Power
LM4675 TI-LM4675_15 Datasheet
1Mb / 23P
Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4673 TI1-LM4673 Datasheet
4Mb / 28P
LM4673 Filterless, 2.65W, Mono, Class D Audio Power Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com