Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC03CILVC Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LC03CILVC
Description  LOW CLAMPING / LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LC03CILVC Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LC03CILVC Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LC03CILVC Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LC03CILVC Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LC03CILVC Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LC03CILVC Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LC03CILVC Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics(TA=25°C unless otherwise specified)
Rev :
www.leiditech.com
01.06.2019
2/6
(V)
(V)
(μA)
(pF)
(max.)
(min.)
(min.)
(max.)
(min.)
(max.)
(max.)
(typ.)
(max.)
(A)
(max.)
(A)
(max.)
(A)
(V)
13
(V)
(V)
618
10
Vh
(@1mA)
(@10mA)
VCL
(8/20μs)
VCL
(8/20μs)
10
PART NUMBER
DEVICE
MARKING
VRWM
Vt1
IR
CT
Vh
4.2
3.5
4
3.3
3.8
3.5
71W
LC03CILVC
0.1
1
VCL
(8/20μs)
LC03CILVC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com