Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC03CILVC Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LC03CILVC
Description  LOW CLAMPING / LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LC03CILVC Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LC03CILVC Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LC03CILVC Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LC03CILVC Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LC03CILVC Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LC03CILVC Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LC03CILVC Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
●
●
●
●
●
Applications
●
●
●
●
●
●
Dimensions SOD-323
Pin Configuration
Mechanical Characteristics
●
●
●
●
●
Rev :
www.leiditech.com
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
130
W
ESD per IEC 61000−4−2 (Air)
VESD
± 30
Kv
ESD per IEC 61000−4−2 (Contact)
± 30
Operating Temperature Range
TJ
-55 to +125
℃
Storage Temperature Range
TSTJ
-55 to +150
℃
01.06.2019
1/6
LC03CILVC
●
LOW CLAMPING / LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
130 Watts Peak Pulse Power per Line (tp=8/20μs)
Protects One Bidirectional I/O Line
Low Clamping Voltage
RoHS Compliant
IEC61000-4-2 (ESD) ±30kV (air), ±30kV (contact)
IEC61000-4-4 (EFT) 40A (5/50ηs)
IEC61000-4-5 (LIGHTING) 13A (8/20μs)
●
Monitors and Flat Panel Displays
WAN/LAN Equipment
Test & Measurement Equipment
Instrumentation
Analog Inputs Protection
Base Stations
SOD-323 Package
Molding Compound Flammability Rating : UL 94V-O
Weight 5 Millgrams (Approximate)
Reel Size : 7 inch
Lead Finish : Lead Free


Similar Part No. - LC03CILVC

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
LC03CI DIOTECH-LC03CI Datasheet
931Kb / 4P
STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
logo
Shanghai Leiditech Elec...
LC03CI LEIDITECH-LC03CI Datasheet
259Kb / 3P
USB 2.0 power and data line
logo
Shanghai Shunye Electro...
LC03CI SHUNYE-LC03CI Datasheet
4Mb / 7P
LCxxCI Series 1-Line Low Capacitance Bi-directional TVS Diode
More results

Similar Description - LC03CILVC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D5V0L1B2WS DIODES-D5V0L1B2WS Datasheet
102Kb / 4P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev 4
D5V0L1B2LP-7B DIODES-D5V0L1B2LP-7B Datasheet
101Kb / 4P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev 9
D5V0L1B2T-7 DIODES-D5V0L1B2T-7 Datasheet
106Kb / 4P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev 5
logo
Shanghai Leiditech Elec...
USLC3311D3 LEIDITECH-USLC3311D3 Datasheet
1Mb / 6P
LOW CLAMPING / LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
USLC3311P LEIDITECH-USLC3311P Datasheet
1Mb / 6P
LOW CLAMPING & LOW CAPACITANCE TVS DIODE ARRAY
ESD1521C LEIDITECH-ESD1521C Datasheet
1Mb / 7P
LOW CLAMPING & CAPACITANCE TVS DIODE ARRAY
ESD1821C LEIDITECH-ESD1821C Datasheet
1Mb / 7P
LOW CLAMPING & CAPACITANCE TVS DIODE ARRAY
ESD2421C LEIDITECH-ESD2421C Datasheet
1Mb / 7P
LOW CLAMPING & CAPACITANCE TVS DIODE ARRAY
ESD2521C LEIDITECH-ESD2521C Datasheet
1Mb / 7P
LOW CLAMPING & CAPACITANCE TVS DIODE ARRAY
logo
Diodes Incorporated
D5V0L1B2TQ DIODES-D5V0L1B2TQ Datasheet
314Kb / 5P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
November 2019 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com