Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSS2-60BB Datasheet(PDF) 1 Page - IXYS Corporation

Part # DSS2-60BB
Description  Power Schottky Rectifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSS2-60BB Datasheet(HTML) 1 Page - IXYS Corporation

  DSS2-60BB Datasheet HTML 1Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2003 IXYS All rights reserved
1 - 1
Advanced Technical Information
IXYS reserves the right to change limits, Conditions and dimensions.
Symbol
Conditions
Maximum Ratings
I
FAV
T
L = 125°C; rectangular, d = 0.5
2
A
I
FAVM
rectangular, d = 0.5
4
A
I
FSM
T
VJ = 45°C; tp = 10 ms (50 Hz), sine
130
A
E
AS
I
AS = tbd A; L = 100 µH; TVJ = 25°C; non repetitive
tbd
mJ
I
AR
V
A =1.5 • VRRM typ.; f=10 kHz; repetitive
tbd
A
(dv/dt)
cr
10000
V/µs
T
VJ *
-55...+150
°C
T
VJM
150
°C
T
stg
-55...+150
°C
Weight
typical
0.1
g
Package unit
tape & reel
3000
pcs
I
FAV
= 2 A
V
RRM = 60 V
V
F
= 0.4 V
DSS 2-60BB
V
RSM
V
RRM
Type
Marking
V
V
on product
60
60
DSS 2-60BB
X2GBB
Power Schottky Rectifier
A
C
X2GBB
SMB (DO-214 AA)
A
C
Features
• International standard package
• Very low V
F
• Extremely low switching losses
• Low I
RM
• Epoxy meets UL 94V-0
Applications
• Rectifiers in switch mode power
supplies (SMPS)
• Free wheeling diode in low voltage
converters
• Decoupling diode
Advantages
• High reliability circuit operation
• Low voltage peaks for reduced
protection circuits
• Low noise switching
• Low losses
Dimensions in mm
Symbol
Conditions
Characteristic Values
typ.
max.
I
R
T
VJ =
25°C; V
R = VRRM
0.5
mA
T
VJ = 125°C; VR = VRRM
25
mA
V
F
I
F = 2 A;
T
VJ =
25°C
0.50
V
I
F = 4 A;
T
VJ =
25°C
0.58
V
I
F = 2 A;
T
VJ = 125°C
0.40
V
I
F = 4 A;
T
VJ = 125°C
0.48
V
R
thJL
thermal resistance junction to lead
15
K/W
mounted on 1 inch square PCB
R
thJA
thermal resistance junction - ambient
60
K/W
C
T
typ. junction capacitance
180
pF
dP
tot
1
dT
J
R
th(J-A)
<
*
thermal runaway condition for a diode on its own heatsink
Pulse test:
Pulse Width = 400 µs, Duty Cycle < 2.0 %
Data according to IEC 60747 and per diode unless otherwise specified


Similar Part No. - DSS2-60BB

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSS2-60AT2 IXYS-DSS2-60AT2 Datasheet
50Kb / 2P
Schottky Diode
DSS2-60AT2AP IXYS-DSS2-60AT2AP Datasheet
50Kb / 2P
Schottky Diode
More results

Similar Description - DSS2-60BB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com