Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2N60CP Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM2N60CP
Description  N-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM2N60CP Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM2N60CP Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2N60CP Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2N60CP Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2N60CP Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2N60CP Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2N60CP Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2N60CP Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
■ Thermal Characteristics (Ta=25℃ Unless otherwise specified)
Parameter
Symbol
Max
Unit
Thermal Resistance,Junction to Case
Rth(j-c)
TO-220AB
2.32
/W
℃
ITO-220AB
5.5
TO-251/TO-252
2.87
Thermal Resistance,Junction to Ambient
Rth(j-A)
TO-220AB
62.5
/W
℃
ITO-220AB
62.5
TO-251/TO-252
110
* Drain current limited by maximum junction temperature
Notes:
1:Pulse width limited by maximum junction temperature
2:L=55mH, IAS=2A, VDD=50V, RG=25Ω, Starting TJ=25℃
3:ISD ≤2A, di/dt ≤300A/μs, VDD≤BVDSS, Starting TJ=25℃
4:Pulse Test: Pulse Width ≤300μs, Duty Cycle≤2%
5:Essentially independent of operating temperature
■ Characteristics (Typical)
Fig. 1 On-State Characteristics
Fig. 2 Transfer Characteristics
LM2N60CP
Rev :
www.leiditech.com
01.06.2018
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com