Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2N60CP Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM2N60CP
Description  N-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM2N60CP Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM2N60CP Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2N60CP Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2N60CP Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2N60CP Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2N60CP Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2N60CP Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2N60CP Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
■ Ordering Information
P/N
PACKAGE
PACKING
CODE
UNIT WEIGHT(g)
MINIIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY
MODE
LM2N60CP
TO-252
F1
Approximate 0.4
2500
5000
25000
Feature:
Low Crss
Low Gate Charge
Fast Switching
Improved ESD Capability
Improved dv/dt Capability
100% Avalanche Energy Test
Mechanical Data:
Package: MOS
Molding compound meets UL 94 V-0 flammability rating,
RoHS-compliant
Terminal:Tin plated leads,
Solderable per J-STD-002 and JESD22-B102
Polarity: As marked on body
LM2N60CP
N-Channel Enhancement Mode Power MOSFET
Rev :
www.leiditech.com
01.06.2018
1/7


Similar Part No. - LM2N60CP

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
LM2NW11W SUNLED-LM2NW11W Datasheet
189Kb / 5P
T-1 (3mm) SOLID STATE LAMP
More results

Similar Description - LM2N60CP

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com