Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950818 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS950818
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950818 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS950818 Datasheet HTML 1Page - Integrated Circuit Systems ICS950818 Datasheet HTML 2Page - Integrated Circuit Systems ICS950818 Datasheet HTML 3Page - Integrated Circuit Systems ICS950818 Datasheet HTML 4Page - Integrated Circuit Systems ICS950818 Datasheet HTML 5Page - Integrated Circuit Systems ICS950818 Datasheet HTML 6Page - Integrated Circuit Systems ICS950818 Datasheet HTML 7Page - Integrated Circuit Systems ICS950818 Datasheet HTML 8Page - Integrated Circuit Systems ICS950818 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Integrated
Circuit
Systems, Inc.
ICS950818
0825F—11/19/03
Block Diagram
Recommended Application:
CK-408 clock for Brookdale/Odem/Montara-GM for P4/Banias
processor.
Output Features:
•
2 - Differential CPU Clock Pairs @ 3.3V
•
8 - PCI (3.3V) @ 33.3MHz including 2 1x/2x
selectable PCI clocks
•
3 - PCI_F/PCI selectable (3.3V) @ 33.3MHz
•
1 - USB (3.3V) @ 48MHz, 1 DOT (3.3V) @ 48MHz
•
1 - REF (3.3V) @ 14.318MHz
•
4 - 3V66 (3.3V) @ 66.6MHz
•
1 - VCH/3V66 (3.3V) @ 48MHz or 66.6MHz
Features:
•
Selectable 1X or 2X strength for REF and PCI via
SMBus interface
•
Programmable group to group skew
•
Linear programmable frequency and spreading %
•
Efficient power management scheme through PD#,
CPU_STOP# and PCI_STOP#.
•
Uses external 14.318MHz crystal
•
Stop clocks and functional control available through
SMBus interface.
Key Specifications:
•
CPU Output Jitter <150ps
•
3V66 Output Jitter <250ps
•
CPU Output Skew <100ps
Pin Configuration
Frequency Generator with 200MHz Differential CPU Clocks
X1 1
48 VDDREF
X2 2
47 REF
GND 3
46 FS1
PCICLK_F0/PCICLK6 4
45 CPU_STOP#
PCICLK_F1/PCICLK7 5
44 VDDCPU
PCICLK_F2/PCICLK8 6
43 CPUCLKT0
GND 7
42 CPUCLKC0
PCICLK0 8
41 GND
PCICLK1 9
40 VDDCPU
*PCICLK2 10
39 CPUCLKT1
VDDPCI 11
38 CPUCLKC1
*PCICLK3 12
37 IREF
PCICLK413
36FS0
PCICLK514
3548MHz_USB
VDD3V6615
3448MHz_DOT
GND 16
33 VDD48
3V66_2 17
32 GND
3V66_3 18
31 3V66_1/VCH_CLK
3V66_4 19
30 PCI_STOP#
PCICLK920
29PCICLK10
PD#21
28VDD3V66
VDDA 22
27 GND
GND 23
26 SCLK
Vtt_PWRGD# 24
25 SDATA
48-Pin 6.10 mm. Body, 0.50 mm. pitch TSSOP
*These outputs have selectable 1X/2X strength via SMBus
Frequency Select Table 1
FS
1
FS
0
0
0
100.00
66.66
33.33
14.318
48.008
0
1
166.67
66.66
33.33
14.318
48.008
1
0
133.33
66.66
33.33
14.318
48.008
1
1
200.00
66.66
33.33
14.318
48.008
3V66(4:1)
MHz
CPU MHz
Freq
Sel
USB/DOT
MHz
REF MHz
PCI MHz
PLL2
PLL1
Spread
Spectrum
3V66 (4:2)
48MHz_USB
48MHz_DOT
X1
X2
XTAL
OSC
3V66
DIVDER
PD#
Vtt_PWRGD#
CPU_STOP#
PCI_STOP#
SDATA
SCLK
FS (1:0)
I REF
Control
Logic
Config.
Reg.
REF
CPU
DIVDER
3
3
CPUCLKT (1:0)
CPUCLKC (1:0)
Stop
3V66_1/VCH_CLK
PCICLK (10:0)
PCI
DIVDER
3
7
PCICLK_F (2:0)
Stop


Similar Part No. - ICS950818

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS950818 RENESAS-ICS950818 Datasheet
1Mb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
2019
ICS950818YGT RENESAS-ICS950818YGT Datasheet
1Mb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
2019
More results

Similar Description - ICS950818

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950805 ICST-ICS950805 Datasheet
148Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950810 ICST-ICS950810 Datasheet
167Kb / 19P
Frequency Generator with 200MHz Differential CPU Clocks
ICS9250-38 ICST-ICS9250-38 Datasheet
136Kb / 18P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950812 ICST-ICS950812 Datasheet
225Kb / 29P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950813 ICST-ICS950813 Datasheet
253Kb / 22P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950811 ICST-ICS950811 Datasheet
290Kb / 18P
Frequency Generator with 200MHz Differential CPU Clocks
logo
Renesas Technology Corp
ICS950805 RENESAS-ICS950805 Datasheet
185Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
02/25/05
ICS950810 RENESAS-ICS950810 Datasheet
410Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
2019
ICS950811 RENESAS-ICS950811 Datasheet
288Kb / 18P
Frequency Generator with 200MHz Differential CPU Clocks
08/09/07
ICS950818 RENESAS-ICS950818 Datasheet
1Mb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com