Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM04P021 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM04P021
Description  P-ChannelTrench MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM04P021 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM04P021 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM04P021 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM04P021 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM04P021 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM04P021 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM04P021 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics
Tj= 25ºC unless otherwise specified
Parameter
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = -250µA
-40
--
--
V
Zero Gate Voltage Drain Current
IDSS
VDS = -40V, VGS = 0V, TJ = 25ºC
--
--
-1
uA
Gate-Source Leakage
IGSS
VGS = ±20V
--
--
±
100
nA
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = -250µA
-1.1
-1.7
-2.5
V
Drain-Source On-Resistance (note2)
RDS(on)
VGS = -4.5V, ID = -3A
--
21
31
mΩ
VGS = -10V, ID = -4A
--
16
21
mΩ
Dynamic
Input Capacitance
Ciss
VGS = 0V,
VDS = -20V,
f = 1.0MHz
--
2050
--
pF
Output Capacitance
Coss
--
260
--
Reverse Transfer Capacitance
Crss
--
150
--
Total Gate Charge
Qg
VDD = -20V, ID = -8A,
VGS = -10V
--
45
--
nC
Gate-Source Charge
Qgs
--
6
--
Gate-Drain Charge
Qgd
--
11
--
Turn-on Delay Time
td(on)
VDS = -20V, RL = 1.6Ω
VGS = -10V,ID = -1A
--
10
--
ns
Turn-on Rise Time
tr
--
24
--
Turn-off Delay Time
td(off)
--
40
--
Turn-off Fall Time
tf
--
9
--
Body Diode Characteristics
Source-Drain Current(Body Diode)
ISD
TJ = 25ºC
--
--
-8.0
A
Body Diode Voltage
VSD
TJ = 25ºC, ISD = -8A, VGS = 0V
--
--
-1.2
V
Notes
1. The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2. The data tested by pulsed , pulse width≦300us , duty cycle≦2%
3. The power dissipation is limited by 175℃ junction temperature
4. The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.
LM04P021
Rev :
www.leiditech.com
01.06.2018
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com