Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM04P021 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM04P021
Description  P-ChannelTrench MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM04P021 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM04P021 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM04P021 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM04P021 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM04P021 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM04P021 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM04P021 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Device Marking and Package Information
Device
Package
Marking
LM04P021
SOP-8
FEATURES
⚫
Super Low Gate Charge
⚫
RoHS compliant
⚫
Green Device Available
⚫
Excellent CdV/dt effect decline
⚫
Advanced high cell density Trench technology
APPLICATIONS
⚫
Switch Mode Power Supply (SMPS)
⚫
Uninterruptible Power Supply (UPS)
⚫
Power Factor Correction (PFC)
Absolute Maximum Ratings
at Tj= 25ºC unless otherwise noted
Parameter
Symbol
Value
Unit
Drain-Source Voltage (VGS = 0V)
VDSS
-40
V
Continuous Drain Current
(note1)
ID
-8.0
A
Pulsed Drain Current
(note2)
IDM
-32
A
Gate Source Voltage
VGSS
±
20
V
Power Dissipation TA = 25ºC
(note4)
PD
3.5
W
Operating Junction and Storage Temperature Range
TJ, Tstg
-55~+175
ºC
Thermal Characteristics
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-Ambient
(note1)
RθJA
42
K/W
LM04P021
Trench MOSFET
P-Channel
Rev :
www.leiditech.com
01.06.2018
1/6


Similar Part No. - LM04P021

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LM04 GOOD-ARK-LM04 Datasheet
374Kb / 4P
Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
logo
Shanghai Leiditech Elec...
LM0402 LEIDITECH-LM0402 Datasheet
2Mb / 6P
This specification applies to Wire Wound Ceramic Chip Inductors
LM0402-10NG-N LEIDITECH-LM0402-10NG-N Datasheet
2Mb / 6P
This specification applies to Wire Wound Ceramic Chip Inductors
LM0402-10NH-N LEIDITECH-LM0402-10NH-N Datasheet
2Mb / 6P
This specification applies to Wire Wound Ceramic Chip Inductors
LM0402-10NJ-N LEIDITECH-LM0402-10NJ-N Datasheet
2Mb / 6P
This specification applies to Wire Wound Ceramic Chip Inductors
More results

Similar Description - LM04P021

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0009B SSDI-FT0009B Datasheet
129Kb / 3P
P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ211-3 KEXIN-2SJ211-3 Datasheet
1Mb / 3P
P-Channel MOSFET
2SJ213 KEXIN-2SJ213_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
P-Channel MOSFET
AO3401A KEXIN-AO3401A Datasheet
1Mb / 4P
P-Channel MOSFET
AO3407A KEXIN-AO3407A Datasheet
2Mb / 4P
P-Channel MOSFET
AO3413-HF KEXIN-AO3413-HF Datasheet
2Mb / 4P
P-Channel MOSFET
logo
Billiton Ltd.
TP4054 ASIC-TP4054 Datasheet
467Kb / 14P
P MOSFET
logo
Shanghai Leiditech Elec...
LM8S8P04 LEIDITECH-LM8S8P04 Datasheet
760Kb / 6P
P-ChannelTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com