Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9DB306BFT Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9DB306BFT
Description  PCI Express, Jitter Attenuator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9DB306BFT Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9DB306BFT Datasheet HTML 1Page - Integrated Circuit Systems ICS9DB306BFT Datasheet HTML 2Page - Integrated Circuit Systems ICS9DB306BFT Datasheet HTML 3Page - Integrated Circuit Systems ICS9DB306BFT Datasheet HTML 4Page - Integrated Circuit Systems ICS9DB306BFT Datasheet HTML 5Page - Integrated Circuit Systems ICS9DB306BFT Datasheet HTML 6Page - Integrated Circuit Systems ICS9DB306BFT Datasheet HTML 7Page - Integrated Circuit Systems ICS9DB306BFT Datasheet HTML 8Page - Integrated Circuit Systems ICS9DB306BFT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
9DB306BL
www.icst.com/products/hiperclocks.html
REV. A APRIL 7, 2005
1
Integrated
Circuit
Systems, Inc.
ICS9DB306
PCI EXPRESS,
JITTER ATTENUATOR
GENERAL DESCRIPTION
The ICS9DB306 is a high performance 1-to-6
Differential-to LVPECL Jitter Attenuator designed
for use in PCI Express™ systems. In some PCI
Express™ systems, such as those found in desktop
PCs, the PCI Express™ clocks are generated from
a low bandwidth, high phase noise PLL frequency
synthesizer. In these systems, a zero delay buffer may be
required to attenuate high frequency random and deterministic
jitter components from the PLL synthesizer and from the system
board. The ICS9DB306 has 2 PLL bandwidth modes. In low
bandwidth mode, the PLL loop BW is about 500kHz and this
setting will attenuate much of the jitter from the reference clock
input while being high enough to pass a triangular input spread
spectrum profile. There is also a high bandwidth mode which
sets the PLL bandwidth at 1MHz which will pass more spread
spectrum modulation.
For serdes which have x30 reference multipliers instead of x25
multipliers, 5 of the 6 PCI Express™ outputs (PCIEX1:5) can be
set for 125MHz instead of 100MHz by configuring the appropri-
ate frequency select pins (FS0:1). Output PCIEX0 will always
run at the reference clock frequency (usually 100MHz) in desk-
top PC PCI Express™ Applications.
Features
• Six differential LVPECL output pairs
• 1 differential clock input
• CLK and nCLK supports the following input types:
LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Maximum output frequency: 140MHz
• Output skew: 135ps (maximum)
• Cycle-to-Cycle jitter: 25ps (maximum)
• RMS phase jitter @ 100MHz, (1.5MHz - 22MHz):
3ps (typical)
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Lead-Free package fully RoHS compliant
• Industrial temperature information available upon request
HiPerClockS™
ICS
PIN ASSIGNMENT
nOE0
CLK
nCLK
BYPASS
nOE1
PCIEXT0
nPCIEXC0
PCIEXT1
nPCIEXC1
PCIEXT2
nPCIEXC2
PCIEXT3
nPCIEXC3
PCIEXT4
nPCIEXC4
PCIEXT5
nPCIEXC5
BLOCK DIAGRAM
ICS9DB306
28-Lead TSSOP, 173-MIL
4.4mm x 9.7mm x 0.92mm
body package
L Package
Top View
VEE
PCIEXT1
PCIEXC1
PCIEXT2
PCIEXC2
VCC
nOE0
nOE1
VCC
PCIEXC3
PCIEXT3
PCIEXC4
PCIEXT4
VEE
VCC
PCIEXC0
PCIEXT0
FS0
nCLK
CLK
PLL_BW
VCCA
VEE
BYPASS
FS1
PCIEXT5
PCIEXC5
VCC
ICS9DB306
28-Lead, 209-MIL SSOP
5.3mm x 10.2mm x 1.75mm
body package
F Package
Top View
Phase
Detector
VCO
Loop
Filter
1 Disabled
0 Enabled
1 Disabled
0 Enabled
÷5
0 ÷4
1 ÷5
0 ÷5
1 ÷4
FS0
FS1
Internal Feedback
÷5
0
1
0
1
0
1
Buffer
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15


Similar Part No. - ICS9DB306BFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9DB102 ICST-ICS9DB102 Datasheet
127Kb / 10P
2 Output PCI Express Buffer with CLKREQ Function
logo
Integrated Device Techn...
ICS9DB102 IDT-ICS9DB102 Datasheet
232Kb / 13P
2 Output PCI Express Buffer with CLKREQ Function
logo
Renesas Technology Corp
ICS9DB102 RENESAS-ICS9DB102 Datasheet
301Kb / 14P
Two Output Differential Buffer for PCIe Gen1 & Gen2
2019
ICS9DB102 RENESAS-ICS9DB102 Datasheet
267Kb / 14P
Two Output Differential Buffer for PCIe Gen1 & Gen2
REV Q 08/27/13
logo
Integrated Circuit Syst...
ICS9DB102FLFT ICST-ICS9DB102FLFT Datasheet
127Kb / 10P
2 Output PCI Express Buffer with CLKREQ Function
More results

Similar Description - ICS9DB306BFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS874004 ICST-ICS874004 Datasheet
182Kb / 10P
PCI EXPRESS JITTER ATTENUATOR
REV. A JANUARY 21, 2005
ICS874002 ICST-ICS874002 Datasheet
208Kb / 10P
PCI EXPRESS JITTER ATTENUATOR
REV. A JANUARY 19, 2005
ICS874003 ICST-ICS874003 Datasheet
504Kb / 12P
PCI EXPRESS JITTER ATTENUATOR
logo
Integrated Device Techn...
ICS874003-02 IDT-ICS874003-02 Datasheet
1Mb / 14P
PCI EXPRESS??JITTER ATTENUATOR
ICS874001I-05 IDT-ICS874001I-05 Datasheet
327Kb / 17P
PCI EXPRESS??JITTER ATTENUATOR
ICS874003-04 IDT-ICS874003-04 Datasheet
756Kb / 15P
PCI EXPRESS??Jitter Attenuator
ICS874003-05 IDT-ICS874003-05 Datasheet
807Kb / 18P
PCI EXPRESS??JITTER ATTENUATOR
ICS874001AGI-05LF IDT-ICS874001AGI-05LF Datasheet
850Kb / 18P
PCI Express??Jitter Attenuator
ICS874003-02 IDT-ICS874003-02_10 Datasheet
776Kb / 15P
PCI EXPRESS Jitter Attenuator
logo
Renesas Technology Corp
9DB206 RENESAS-9DB206 Datasheet
367Kb / 15P
PCI Express Jitter Attenuator
March 11, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com