Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T50 Datasheet(PDF) 17 Page - STMicroelectronics

Part # M41T50
Description  Serial Access Digital Input Real-Time Clock with Alarms
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T50 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M41T50 Datasheet HTML 13Page - STMicroelectronics M41T50 Datasheet HTML 14Page - STMicroelectronics M41T50 Datasheet HTML 15Page - STMicroelectronics M41T50 Datasheet HTML 16Page - STMicroelectronics M41T50 Datasheet HTML 17Page - STMicroelectronics M41T50 Datasheet HTML 18Page - STMicroelectronics M41T50 Datasheet HTML 19Page - STMicroelectronics M41T50 Datasheet HTML 20Page - STMicroelectronics M41T50 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17/23
M41T50
Table 9. DC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 1.7V to 3.6V (except where noted).
2. CLKIN pin = VSS or VCC.
Symb
ol
Parameter
Test Condition(1)
Min
Typ
Max
Unit
VCC
Operating Voltage
Clock
1.3
3.6
V
I2C bus (400kHz)
1.7
3.6
V
ICC1
Supply Current
SCL = 400kHz
(No load)
VCC = 3.6V
400
µA
VCC = 3.0V
350
µA
VCC = 2.5V
300
µA
VCC = 2.0V
250
µA
ICC2
Supply Current (standby)
SCL = 0Hz
All inputs(2)
≥ VCC – 0.2V
≤ VSS + 0.2V
SQW On
(Open Drain)
3.6V
1.3
µA
3.0V
1.2
µA
2.0V
0.9
µA
SQW Off
3.6V
0.7
µA
3.0V
0.65
µA
2.0V
0.6
µA
VIL
Input Low Voltage
–0.2
0.3VCC
V
VIH
Input High Voltage
0.9VCC
VCC+0.2
V
VOL
Output Low Voltage
VCC = 3.6V, IOL = 3.0mA (SDA)
0.4
V
VCC = 3.6V, IOL = 1.0mA (IRQ/OUT, SQW)
0.4
V
VOH
Output High Voltage
VCC = 3.6V, IOH = –1.0mA (Push-Pull only)
2.4
V
Pull-up Supply Voltage
(Open Drain)
IRQ/OUT, SQW (1Hz)
3.6
V
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC(2)
±1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
±1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com