Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T50 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M41T50
Description  Serial Access Digital Input Real-Time Clock with Alarms
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T50 Datasheet(HTML) 5 Page - STMicroelectronics

  M41T50 Datasheet HTML 1Page - STMicroelectronics M41T50 Datasheet HTML 2Page - STMicroelectronics M41T50 Datasheet HTML 3Page - STMicroelectronics M41T50 Datasheet HTML 4Page - STMicroelectronics M41T50 Datasheet HTML 5Page - STMicroelectronics M41T50 Datasheet HTML 6Page - STMicroelectronics M41T50 Datasheet HTML 7Page - STMicroelectronics M41T50 Datasheet HTML 8Page - STMicroelectronics M41T50 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5/23
M41T50
Figure 4. Block Diagram
Note: 1. May be configured as either push-pull or open drain.
2. Open drain only.
AI09112
SECONDS
ALARM
SERIAL
BUS
INTERFACE
DIVIDER
CONTROL
LOGIC
ADDRESS
REGISTER
MINUTES
HOURS
DAY
DATE
CENTURY/
MONTH
YEAR
CLKIN
VCC
VSS
SCL
SDA
1 Hz
IRQ/OUT
(2)
AFE
OUT
SQWE
SQW
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com