Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS08 Datasheet(PDF) 1 Page - Carlo Gavazzi Holding AG

Part # ICS08
Description  ICS08 3-wire DC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

ICS08 Datasheet(HTML) 1 Page - Carlo Gavazzi Holding AG

  ICS08 Datasheet HTML 1Page - Carlo Gavazzi Holding AG ICS08 Datasheet HTML 2Page - Carlo Gavazzi Holding AG ICS08 Datasheet HTML 3Page - Carlo Gavazzi Holding AG ICS08 Datasheet HTML 4Page - Carlo Gavazzi Holding AG ICS08 Datasheet HTML 5Page - Carlo Gavazzi Holding AG ICS08 Datasheet HTML 6Page - Carlo Gavazzi Holding AG ICS08 Datasheet HTML 7Page - Carlo Gavazzi Holding AG ICS08 Datasheet HTML 8Page - Carlo Gavazzi Holding AG ICS08 Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Carlo Gavazzi Automation S.p.A.
ICS08 3-wire DC
ICS08 3-wire DC DS EN
21/07/2020
Miniaturized proximity inductive sensors
Description
ICS08 series represents the optimal solution for
industrial automation equipment in applications
where space is limited, but long switching
distance is needed, including tool-selection and
textile machines. The advanced electronics is
encapsulated in a robust stainless steel housing.
The availability of the M8-plug and 2m-PVC cable
connection in short or long housing construction
allows flexible mounting.
Output is open collector NPN or PNP transistors.
Benefits
•
A complete family. Available in M8 male thread robust
stainless steel housings with an operating distance of 1
to 4 mm.
•
Easy to install. Both flush and non-flush construction
are available. The user can choose between short and
long body housings in 2 m PVC cable or M8-disconnect
plug versions.
•
High precision. The onboard advanced microcontroller
ensures better stability with respect to environmental
influences, with highly repeatable measurements
between -25 and +80°C.
•
Integrated diagnostic function with flashing LED in the
event of a short circuit or overload
•
Easy customization to specific OEM requests:
different cable lengths and materials, special labelling,
customized pig-tail solutions with special cables and
connectors are possible on request.
Applications
• Non contact detection of metal objects in general position-sensing and presence-sensing in industrial applications
• Particularly suitable for rotational speed monitoring thanks to the high operating frequency


Similar Part No. - ICS08

ManufacturerPart #DatasheetDescription
logo
RFE international
ICS0804 RFE-ICS0804 Datasheet
112Kb / 2P
SURFACE MOUNT INDUCTOR ICS Series: Shielded Power Choke
ICS0805 RFE-ICS0805 Datasheet
112Kb / 2P
SURFACE MOUNT INDUCTOR ICS Series: Shielded Power Choke
ICS0805-180YR RFE-ICS0805-180YR Datasheet
112Kb / 2P
SURFACE MOUNT INDUCTOR ICS Series: Shielded Power Choke
More results

Similar Description - ICS08

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DME-A-03-V ADAM-TECH-DME-A-03-V Datasheet
67Kb / 1P
WIRE TO WIRE FEMALE 3 POLES
DME-A-03-V-MT ADAM-TECH-DME-A-03-V-MT Datasheet
67Kb / 1P
WIRE TO WIRE FEMALE 3 POLES
DME-F-03 ADAM-TECH-DME-F-03 Datasheet
64Kb / 1P
WIRE TO WIRE FEMALE 3 POLES
DME-M-03 ADAM-TECH-DME-M-03 Datasheet
64Kb / 1P
WIRE TO WIRE MALE 3 POLES
logo
Carlo Gavazzi Holding A...
ICB12 CARLOGAVAZZI-ICB12 Datasheet
2Mb / 18P
ICB12, ICB18 & ICB30 IO-Link 3-wire DC
IBS04 CARLOGAVAZZI-IBS04 Datasheet
1Mb / 12P
IBS04, ICS05 IO-Link 3-wire DC
logo
TRACO Electronic AG
TMU3 TRACOPOWER-TMU3 Datasheet
798Kb / 4P
DC/DC Converter TMU 3 Series, 3 Watt
Rev. November 30, 2022
TRN3 TRACOPOWER-TRN3 Datasheet
802Kb / 4P
DC/DC Converter TRN 3 Series, 3 Watt
Rev. November 30, 2022
TVN3 TRACOPOWER-TVN3 Datasheet
818Kb / 4P
DC/DC Converter TVN 3 Series, 3 Watt
Rev. November 30, 2022
logo
SICK AG
IM12 SICK-IM12 Datasheet
1Mb / 28P
Inductive sensor, IM 12, DC 3-wire, Standard series, Flush
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com