Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS08 Datasheet(PDF) 12 Page - Carlo Gavazzi Holding AG

Part # ICS08
Description  ICS08 3-wire DC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

ICS08 Datasheet(HTML) 12 Page - Carlo Gavazzi Holding AG

Back Button ICS08 Datasheet HTML 4Page - Carlo Gavazzi Holding AG ICS08 Datasheet HTML 5Page - Carlo Gavazzi Holding AG ICS08 Datasheet HTML 6Page - Carlo Gavazzi Holding AG ICS08 Datasheet HTML 7Page - Carlo Gavazzi Holding AG ICS08 Datasheet HTML 8Page - Carlo Gavazzi Holding AG ICS08 Datasheet HTML 9Page - Carlo Gavazzi Holding AG ICS08 Datasheet HTML 10Page - Carlo Gavazzi Holding AG ICS08 Datasheet HTML 11Page - Carlo Gavazzi Holding AG ICS08 Datasheet HTML 12Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
Carlo Gavazzi Automation S.p.A.
ICS08 3-wire DC
ICS08 3-wire DC DS EN
21/07/2020
Sensors installed opposite each other
≥ 6 x Sn
Fig. 22 For sensors installed opposite each other, a minimum space of 6 x Sn (the nominal sensing dis-
tance) must be observed
** Free zone or non-damping material
S
n: nominal sensing distance
d: sensor diameter: 8 mm
Delivery contents and compatible components
Delivery contents
• Inductive proximity switch
• 2 fixing nuts
• Packaging: plastic bag
CARLO GAVAZZI compatible components
• Mounting bracket AMB8... to be purchased separately
• Connector type: CONB53... series to be purchased separately
Further reading
Information
Where to find it
QR
Mounting brackets
http://www.productselection.net/Pdf/UK/AMB8_30.pdf
Connectors
http://www.productselection.net/Pdf/UK/CONB5.pdf
COPYRIGHT ©2020
Content subject to change. Download the PDF: www.gavazziautomation.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com