Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA921 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SA921
Description  Silicon NPN epitaxial planer type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SA921 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SA921 Datasheet HTML 1Page - Panasonic Semiconductor 2SA921 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SC1980
Silicon NPN epitaxial planer type
For high breakdown voltage low-noise amplification
Complementary to 2SA921
s Features
q
High collector to emitter voltage VCEO.
q
Low noise voltage NV.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Emitter
2:Collector
3:Base
JEDEC:TO–92
EIAJ:SC–43A
5.0
±0.2
4.0
±0.2
0.45
+0.2
–0.1
0.45
+0.2
–0.1
1.27
1.27
2.54
±0.15
2
13
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
120
120
7
50
20
250
150
–55 ~ +150
Unit
V
V
V
mA
mA
mW
˚C
˚C
*h
FE Rank classification
Rank
R
S
T
hFE
180 ~ 360
260 ~ 520
360 ~ 700
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
Noise voltage
Symbol
ICBO
ICEO
VCBO
VCEO
VEBO
hFE
*
VCE(sat)
fT
NV
Conditions
VCB = 50V, IE = 0
VCE = 50V, IB = 0
IC = 10µA, IE = 0
IC = 1mA, IB = 0
IE = 10µA, IC = 0
VCE = 5V, IC = 2mA
IC = 20mA, IB = 2mA
VCB = 5V, IE = –2mA, f = 200MHz
VCE = 40V, IC = 1mA, GV = 80dB
Rg = 100kΩ, Function = FLAT
min
120
120
7
180
typ
200
max
0.1
1
700
0.6
150
Unit
µA
µA
V
V
V
V
MHz
mV


Similar Part No. - 2SA921

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA921 PANASONIC-2SA921 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type(For high breakdown voltage low-noise amplification)
2SA921 PANASONIC-2SA921 Datasheet
71Kb / 3P
For high breakdown voltage low-noise amplification Complementary
More results

Similar Description - 2SA921

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC4656 PANASONIC-2SC4656 Datasheet
35Kb / 2P
Silicon NPN epitaxial planer type
2SD1820A PANASONIC-2SD1820A Datasheet
60Kb / 2P
Silicon NPN epitaxial planer type
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SD874 PANASONIC-2SD874 Datasheet
39Kb / 2P
Silicon NPN epitaxial planer type
UN921MJ PANASONIC-UN921MJ Datasheet
315Kb / 18P
Silicon NPN epitaxial planer type
2SC1215 PANASONIC-2SC1215 Datasheet
62Kb / 3P
Silicon NPN epitaxial planer type
logo
Guangdong Kexin Industr...
BF620 KEXIN-BF620 Datasheet
52Kb / 2P
Silicon NPN epitaxial planer type
2SD2459 KEXIN-2SD2459 Datasheet
51Kb / 2P
Silicon NPN epitaxial planer type
2SD601A KEXIN-2SD601A Datasheet
38Kb / 1P
Silicon NPN Epitaxial Planer Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com