Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA921 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SA921
Description  Silicon NPN epitaxial planer type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SA921 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SA921 Datasheet HTML 1Page - Panasonic Semiconductor 2SA921 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Transistor
2SC1980
PC — Ta
IC — VCE
IC — VBE
VCE(sat) — IC
hFE — IC
fT — IE
Cob — VCB
NV — IC
0
200
160
40
120
80
0
500
400
300
200
100
450
350
250
150
50
Ambient temperature Ta (˚C)
012
10
8
26
4
0
24
20
16
12
8
4
Ta=25˚C
45
µA
10
µA
15
µA
25
µA
30
µA
35
µA
40
µA
5
µA
20
µA
I
B=50µA
Collector to emitter voltage V
CE
(V)
02.0
1.6
0.4
1.2
0.8
0
60
50
40
30
20
10
V
CE=10V
Ta=75˚C
–25˚C
25˚C
Base to emitter voltage V
BE
(V)
0.1
1
10
100
0.3
3
30
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=10
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(mA)
0.1
1
10
100
0.3
3
30
0
1200
1000
800
600
400
200
V
CE=10V
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(mA)
– 0.1
–1
–10
–100
– 0.3
–3
–30
0
800
600
200
500
700
400
100
300
V
CB=5V
Ta=25˚C
Emitter current I
E
(mA)
1
3
10
30
100
0
8
6
2
5
7
4
1
3
I
E=0
f=1MHz
Ta=25˚C
Collector to base voltage V
CB
(V)
0.01
0.03
0.1
0.3
1
0
160
120
40
100
140
80
20
60
V
CE=10V
G
V=80dB
Function=FLAT
4.7k
Ω
R
g=100kΩ
22k
Ω
Collector current I
C
(mA)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com