Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBPCAL Datasheet(PDF) 3 Page - Carlo Gavazzi Holding AG

Part # SBPCAL
Description  Wireless sensors calibration unit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SBPCAL Datasheet(HTML) 3 Page - Carlo Gavazzi Holding AG

  SBPCAL Datasheet HTML 1Page - Carlo Gavazzi Holding AG SBPCAL Datasheet HTML 2Page - Carlo Gavazzi Holding AG SBPCAL Datasheet HTML 3Page - Carlo Gavazzi Holding AG SBPCAL Datasheet HTML 4Page - Carlo Gavazzi Holding AG SBPCAL Datasheet HTML 5Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Carlo Gavazzi Controls S.p.A.
SBPCAL
SBPCAL DS ENG
10/12/2019
Features
General
Material
Gray plastic (ABS)
Dimensions
See picture below
Weight
100 g
Protection degree
IP54
135.00 mm
169.5 mm
27.00 mm
Environmental
Operating temperature
-10 to 50°C ( -14 to 122°F)
Storage temperature
-40 to 80°C ( -40 to 176°F)
Humidity (non-condensing)
0 to 100% RH
Compatibility and conformity
Approvals
Conformity
EMC 2014/30/UE
LVD 2014/35/UE
Power Supply
Power supply
Via USB port
Type
USB 2.0 type A
Cable length
1 m
Voltage
5 V
Current consumption
100 mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com