Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBPCAL Datasheet(PDF) 4 Page - Carlo Gavazzi Holding AG

Part # SBPCAL
Description  Wireless sensors calibration unit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SBPCAL Datasheet(HTML) 4 Page - Carlo Gavazzi Holding AG

  SBPCAL Datasheet HTML 1Page - Carlo Gavazzi Holding AG SBPCAL Datasheet HTML 2Page - Carlo Gavazzi Holding AG SBPCAL Datasheet HTML 3Page - Carlo Gavazzi Holding AG SBPCAL Datasheet HTML 4Page - Carlo Gavazzi Holding AG SBPCAL Datasheet HTML 5Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Carlo Gavazzi Controls S.p.A.
SBPCAL
SBPCAL DS ENG
10/12/2019
Communication
Protocol
Long Range wireless
Operating frequency
ISM, 863-870 MHz (EU)
Transmission power
<14dBm (25mW)
Communication distance
25 m max
Antenna
Integrated
Installation
Step
Action
Description
1
Connection
SBPCAL must be connected to a Microsoft Windows 10 / 7 Computer via
the USB port (2.0 or higher).
2
Automatic configuration
SBPCAL is automatically recognized and configured.
Manual configuration
Download the driver from the FTDI Internet site and install SBPCAL manu-
ally (see further readings).
3
Download and execute the Sen-
sor Manager software
Download it from www.productselection.net.
Note: all the procedures and commands are described in the Sensor Manager User manual available on www.
productselection.net (see further readings).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com