Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9N20LP Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM9N20LP
Description  N-Channel Enhancement Mode Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM9N20LP Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM9N20LP Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM9N20LP Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM9N20LP Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM9N20LP Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM9N20LP Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM9N20LP Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LM9N20LP Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LM9N20LP Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LM9N20LP Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Typical Characteristics T
J = 25º
C, unless otherwise noted
T
p, Pulse Width (s)
V
GS = 0V
f = 1MHz
C
iss
C
oss
C
rss
Figure 7. Capacitance
Figure 8. Gate Charge
V
DS, Drain-to-Source Voltage (V)
Q
g, Total Gate Charge (nC)
Figure 9. Transient Thermal Impedance
TO-220F
104
102
101
100
103
V
DD = 40V
V
DD = 160V
V
DD = 100V
10-6
10-5
10-4
10-3
10-2
10-1
100
101
101
100
10-1
10-2
10-3
D = 0.5
D = 0.2
D = 0.1
D = 0.05
D = 0.02
D = 0.01
Single Pulse
101
100
10-1
10-2
10-3
D = 0.5
D = 0.2
D = 0.1
D = 0.05
D = 0.02
D = 0.01
Single Pulse
10-6
10-5
10-4
10-3
10-2
10-1
100
10-7
T
p, Pulse Width (s)
Figure 10. Transient Thermal Impedance
TO-220,TO-251,TO-252
LM9N20RD
Rev 2.0 :
www.leiditech.com
12.01.2019
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com