Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9N20LP Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM9N20LP
Description  N-Channel Enhancement Mode Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM9N20LP Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM9N20LP Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM9N20LP Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM9N20LP Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM9N20LP Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM9N20LP Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM9N20LP Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LM9N20LP Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LM9N20LP Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LM9N20LP Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Device Marking and Package Information
Device
Package
Marking
LM9N20LF
TO-220F
LM9N20LP
TO-220
LM9N20LU
TO-251
LM9N20LD
TO-252
Absolute Maximum Ratings T
C = 25º
C, unless otherwise noted
Parameter
Symbol
Value
Unit
TO-220F
TO-220
TO-251
TO-252
Drain-Source Voltage (V
GS = 0V)
V
DSS
200
V
Continuous Drain Current
I
D
9
A
Pulsed Drain Current
(note1)
I
DM
36
A
Gate-Source Voltage
V
GSS
±20
V
Single Pulse Avalanche Energy
(note2)
E
AS
125
mJ
Avalanche Current
(note1)
I
AS
5
A
Repetitive Avalanche Energy
(note1)
E
AR
75
mJ
Power Dissipation (T
C = 25º
C)
P
D
34
74
W
Operating Junction and Storage Temperature Range
T
J, Tstg
-55~+150
ºC
Thermal Resistance
Parameter
Symbol
Value
Unit
TO-220F
TO-220
TO-251
TO-252
Thermal Resistance, Junction-to-Case
R
thJC
3.65
1.7
ºC/W
Thermal Resistance, Junction-to-Ambient
R
thJA
62.5
60
FEATURES
⚫
Fast switching
⚫ 100% avalanche tested
⚫ Improved dv/dt capability
APPLICATIONS
⚫ Switch Mode Power Supply (SMPS)
⚫ Uninterruptible Power Supply (UPS)
⚫ Power Factor Correction (PFC)
LM9N20RD
Enhancement Mode Power MOSFET
N-Channel
Rev 2.0 :
www.leiditech.com
12.01.2019
1/9


Similar Part No. - LM9N20LP

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LM9N20LP LEIDITECH-LM9N20LP Datasheet
2Mb / 9P
N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - LM9N20LP

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com