Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3232EEUE Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM3232EEUE
Description  3.3V single power supply, dual channels, 짹15KV ESD protection, 120kbps transmission rate, RS232 transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM3232EEUE Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM3232EEUE Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3232EEUE Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3232EEUE Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3232EEUE Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3232EEUE Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3232EEUE Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3232EEUE Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3232EEUE Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3232EEUE Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
12
R1OUT
第一接收器信号输出端
13
R1IN
第一接收器信号输入端
14
T1OUT
第一发送器信号输出端
15
GND
地
16
VCC
电源
具有±15KV ESD 保护,120kbps 通迅速率,RS232 收发器
3.3V 单电源供电双通道,
Rev :
www.leiditech.com
01.06.2018
3/11
LM3232EEUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com