Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3232EEUE Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM3232EEUE
Description  3.3V single power supply, dual channels, 짹15KV ESD protection, 120kbps transmission rate, RS232 transceiver
File Size   5668.35 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM3232EEUE Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd



Similar Part No. - LM3232EEUE

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LM3232ESA LEIDITECH-LM3232ESA Datasheet
5Mb / 11P
120kbps communication rate
More results


Similar Description - LM3232EEUE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1780 LINER-LT1780 Datasheet
276Kb / 12P
Low Power 5V RS232 Dual Driver/Receiver with 짹15kV ESD Protection
logo
List of Unclassifed Man...
STC3485E ETC1-STC3485E Datasheet
641Kb / 11P
3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
STMicroelectronics
ST1284-XXA8 STMICROELECTRONICS-ST1284-XXA8_03 Datasheet
141Kb / 6P
PARALLEL PORT SINGLE TERMINATION NETWORK WITH 짹15kV ESD PROTECTION
Oct-2003
logo
Union Semiconductor, In...
UM3483E UNIONSEMI-UM3483E Datasheet
307Kb / 12P
3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
Exar Corporation
XR33180 EXAR-XR33180 Datasheet
429Kb / 12P
Receivers with 짹15kV ESD Protection
logo
Shanghai Leiditech Elec...
LM485ESA LEIDITECH-LM485ESA Datasheet
4Mb / 10P
5V power supply, half-duplex, with 짹15KVESD protection, 500kbps transmission rate, 256-node RS485/RS422 transceiver
LM3232ESA LEIDITECH-LM3232ESA Datasheet
5Mb / 11P
120kbps communication rate
logo
UN Semiconducctor INC
UN232 UNSEMI-UN232 Datasheet
3Mb / 7P
5V Supply Dual-Channel RS232 Transceiver
Revision March 1,2022
UN3232E-T UNSEMI-UN3232E-T Datasheet
3Mb / 8P
High ESD-Protected 3.3V Dual-Channel RS232 transceiver
Revision March 1,2022
UN3232E UNSEMI-UN3232E Datasheet
3Mb / 8P
High ESD-Protected 3.3V Dual-Channel RS232 transceiver
Revision March 1,2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com