Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4148 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM4148
Description  P-Channel Trench MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM4148 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM4148 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4148 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4148 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4148 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4148 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics (TJ=25℃ unless otherwise noted)
Note:
1.
Repetitive Rating : Pulsed width limited by maximum junction temperature.
2.
The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%.
3.
Essentially independent of operating temperature.
Symbol
Parameter
Condition
Min
Typ
Max
Unit
STATIC PARAMETERS
BV
DSS
Drain-Source Breakdown Voltage
V
GS=0V ID=-250μA
-40
V
I
DSS
Zero Gate Voltage Drain Current
V
DS=-40V,VGS=0V
1
μA
I
GSS
Gate-Body Leakage Current
V
GS=±20V,VDS=0V
±100
nA
V
GS(th)
Gate Threshold Voltage
V
DS=VGS,ID=-250μA
-1.0
-1.6
-2.5
V
R
DS(ON)
Drain-Source On-State
Resistance
V
GS=-10V, ID=-10A
5.6
6.7
mΩ
V
GS=-4.5V, ID=-8A
7.3
8.8
mΩ
DYNAMIC PARAMETERS
Ciss
Input Capacitance
V
DS=-25V,VGS=0V,
F=1.0MHz
4210
pF
Coss
Output Capacitance
650
pF
Crss
Reverse Transfer Capacitance
280
pF
SWITCHING PARAMETERS
td(on)
Turn-on Delay Time
VDS=-20V,ID=-1A,
V
GS=-10V,
R
G=6Ω
48
nS
tr
Turn-on Rise Time
72
nS
td(off)
Turn-Off Delay Time
102
nS
tf
Turn-Off Fall Time
48
nS
Qg
Total Gate Charge
V
DS=-20V,ID=-5A,
VGS=-4.5V
45
nC
Qgs
Gate-Source Charge
9
nC
Qgd
Gate-Drain Charge
25
nC
VSD
Diode Forward Voltage
VGS=0V,ISD=-1A
0.72
1.4
V
LM4148
Rev :
www.leiditech.com
01.06.2018
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com