Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4148 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM4148
Description  P-Channel Trench MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM4148 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM4148 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4148 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4148 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4148 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4148 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
General Description
These P-Channel enhancement mode power field
effect transistors are using trench DMOS technology.
This advanced technology has been especially tailored
to minimize on-state resistance, provide superior
switching performance, and withstand high energy
pulse in the avalanche and commutation mode. These
devices are well suited for high efficiency fast switching
applications.
Features
VDS
ID
(at VGS=-10V)
RDS(ON) (at VGS=-10V)
RDS(ON) (at VGS=-4.5V)
-40V
-
18A
5.6mΩ(Typ)
7.3mΩ(Typ)
Absolute Maximum Ratings TA=25°C unless otherwise noted
Parameter
Symbol
Maximum
Units
Drain-Source Voltage
VDS
-40
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
TC=25°C
I
D
-
18
A
TC=100°C
I
D
-
11
A
Drain Current – Pulsed
IDM
-
72
A
Maximum Power Dissipation
P
D
4.3
W
Junction and Storage Temperature Range
T
J,TSTG
-55 To 150
℃
Thermal Characteristics
Parameter
Symbol
Typ
Max
Unit
Thermal Resistance junction-case
R
θJc
1.1
℃
/W
Thermal Resistance
junction-to-Ambient
R
θJA
62
℃
/W
D
G
S
D D
D D
S G
S S
SOP8
LM4148
Trench MOSFET
P-Channel
Rev :
www.leiditech.com
01.06.2018
1/5


Similar Part No. - LM4148

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4140 NSC-LM4140 Datasheet
439Kb / 15P
High Precision Low Noise Low Dropout Voltage
LM4140 NSC-LM4140 Datasheet
878Kb / 15P
High Precision Low Noise Low Dropout Voltage
logo
Texas Instruments
LM4140 TI-LM4140 Datasheet
1Mb / 23P
High Precision Low Noise Low Dropout Voltage Reference
LM4140 TI2-LM4140 Datasheet
1Mb / 34P
LM4140 High Precision Low Noise Low Dropout Voltage Reference
REVISED SEPTEMBER 2016
logo
National Semiconductor ...
LM4140AC-4.1 NSC-LM4140AC-4.1 Datasheet
1Mb / 41P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results

Similar Description - LM4148

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ001SF AUK-STJ001SF Datasheet
448Kb / 8P
P-channel Trench MOSFET
STJ004SF AUK-STJ004SF Datasheet
361Kb / 8P
P-channel Trench MOSFET
STJ009 AUK-STJ009 Datasheet
337Kb / 8P
P-channel Trench MOSFET
SUF3001 AUK-SUF3001 Datasheet
338Kb / 8P
Dual P-channel Trench MOSFET
logo
NXP Semiconductors
PMZ950UPE PHILIPS-PMZ950UPE_15 Datasheet
237Kb / 15P
20 V, P-channel Trench MOSFET
10 July 2014
PMV48XPA PHILIPS-PMV48XPA_15 Datasheet
257Kb / 15P
20 V, P-channel Trench MOSFET
10 March 2014
PMV65XPEA PHILIPS-PMV65XPEA_15 Datasheet
245Kb / 16P
20 V, P-channel Trench MOSFET
27 November 2014
PMV75UP PHILIPS-PMV75UP_15 Datasheet
279Kb / 15P
20 V, P-channel Trench MOSFET
25 April 2014
logo
Unisonic Technologies
UTC606P-H UTC-UTC606P-H Datasheet
169Kb / 3P
P-CHANNEL 1.8V TRENCH MOSFET
logo
Shanghai Leiditech Elec...
LM8S18P04 LEIDITECH-LM8S18P04 Datasheet
922Kb / 5P
P-Channel Trench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com