Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4946 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM4946
Description  N-Channel Enhancement MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM4946 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM4946 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4946 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4946 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4946 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics at Ta=250C (Continued)
Parameter
Symbol
Conditions
Ratings
Unit
min
Typ
max
Turn-on Delay Time
td(on)
VGS=5V, VDS=30V, ID=4.5A
RGEN=3Ω
-
4.7
-
nS
Rise Time
tr
-
2.3
-
nS
Turn-off Delay Time
td(off)
-
15.7
-
nS
Fall Time
tf
-
1.9
-
nS
Total Gate Charge
Qg
VDS=30V, VGS=10V, ID=4.5A
-
8.5
-
nC
Gate-to-Source Charge
Qgs
-
1.6
-
nC
Gate-to-Drain “Miller” Charge
Qgd
-
2.2
-
nC
Diode Forward Voltage
VSD
IS=3.7A, VGS=0V
-
-
1.2
V
Pin Description
LM4946
Rev :
www.leiditech.com
01.06.2018
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com