Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4946 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM4946
Description  N-Channel Enhancement MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM4946 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM4946 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4946 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4946 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4946 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
Package Dimensions
·
Low On resistance.
·4
.5V drive.
·
RoHS compliant.
Specifications
Absolute Maximum Ratings at Ta=250C
Parameter
Symbol
Conditions
Ratings Unit
Drain-to-Source Voltage
VDSS
60
V
Gate-to-Source Voltage
VGSS
+20
V
Drain Current (DC)
ID
4.5
A
Drain Current (Pulse)
IDP
PW≤10uS, duty cycle≤1%
20
A
Allowable Power Dissipation
PD
Mounted on a ceramic board (1000mm2×0.8mm) 1unit
1.3
W
Total Dissipation
PT
Mounted on a ceramic board (1000mm2×0.8mm)
1.7
W
Channel Temperature
Tch
150
0
C
Storage Temperature
Tstg
-55~+150
0
C
Electrical Characteristics at Ta=250C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=250uA, VGS=0V
60
-
-
V
Zero-Gate Voltage Drain Current
IDSS
VDS=60V, VGS=0V
-
-
1
uA
Gate-to-Source Leakage Current
IGSS
VGS=+20V, VDS=0V
-
-
+100
nA
Gate Threshold Voltage
VGS(th)
VDS= VGS, ID=250uA
1.2
2.0
2.5
V
Static Drain-to-Source On-State Resistance
RDS(ON)
ID=4.5A, VGS=10V
-
38
45
mΩ
RDS(ON)
ID=2A, VGS=1.8V
-
38
52
mΩ
Input Capacitance
Ciss
VDS=25V, VGS=0V, f=1MHz
-
450
-
pF
Output Capacitance
Coss
VDS=25V, VGS=0V, f=1MHz
-
60
-
pF
Reverse Transfer Capacitance
Crss
VDS=25V, VGS=0V, f=1MHz
-
25
-
pF
N-Channel Enhancement MOSFET
LM4946
Rev :
www.leiditech.com
01.06.2018
1/4


Similar Part No. - LM4946

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4946 NSC-LM4946 Datasheet
806Kb / 34P
Output Capacitor-Less Audio Subsystem with Programmable National 3D
logo
Texas Instruments
LM4946 TI1-LM4946 Datasheet
1Mb / 37P
Output Capacitor-Less Audio Subsystem with Programmable TI 3D
logo
National Semiconductor ...
LM4946SQ NSC-LM4946SQ Datasheet
806Kb / 34P
Output Capacitor-Less Audio Subsystem with Programmable National 3D
logo
Texas Instruments
LM4946SQ/NOPB TI1-LM4946SQ/NOPB Datasheet
1Mb / 37P
Output Capacitor-Less Audio Subsystem with Programmable TI 3D
logo
National Semiconductor ...
LM4946TM NSC-LM4946TM Datasheet
806Kb / 34P
Output Capacitor-Less Audio Subsystem with Programmable National 3D
More results

Similar Description - LM4946

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
N-Channel Enhancement MOSFET
KX6N70F KEXIN-KX6N70F Datasheet
4Mb / 4P
N-Channel Enhancement MOSFET
SI2324DS KEXIN-SI2324DS Datasheet
2Mb / 6P
N-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com