Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-R100 Datasheet(PDF) 4 Page - Broadcom Corporation.

Part # HLMP-R100
Description  2.5 mm x 7.6 mm Rectangular LED Lamps
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HLMP-R100 Datasheet(HTML) 4 Page - Broadcom Corporation.

  HLMP-R100 Datasheet HTML 1Page - Broadcom Corporation. HLMP-R100 Datasheet HTML 2Page - Broadcom Corporation. HLMP-R100 Datasheet HTML 3Page - Broadcom Corporation. HLMP-R100 Datasheet HTML 4Page - Broadcom Corporation. HLMP-R100 Datasheet HTML 5Page - Broadcom Corporation. HLMP-R100 Datasheet HTML 6Page - Broadcom Corporation. HLMP-R100 Datasheet HTML 7Page - Broadcom Corporation. HLMP-R100 Datasheet HTML 8Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Figure 1. Relative intensity vs. wavelength.
Electrical/Optical Characteristics at TA = 25°C
Sym.
Description
HLMP-R100
HLMP-0301
HLMP-0401
HLMP-0504
Units
Test
Conditions
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
2
q1/2
Included Angle
Between Half
Luminous
Intensity Points
100
100
100
100
Deg.
Note 1.
Fig. 6
lP
Peak Wavelength
645
635
583
565
nm
Measure-
ment at
Peak
ld
Dominant
Wavelength
637
626
585
569
nm
Note 2.
Dl1/2
Spectral Line
Halfwidth
20
40
36
28
nm
ts
Speed of Response
30
90
90
500
ns
C
Capacitance
30
16
18
18
pF
VF = 0;
f = 1 MHz
R
qJ-PIN Thermal Resistance
260
260
260
260
°C/W
Junction
to Cathode
Lead
VF
Forward Voltage
1.8
2.2
1.9
2.6
2.1
2.6
2.2
3.0
V
IF = 20 mA
Figure 2.
VR
Reverse Breakdown
Voltage
5.0
5.0
5.0
5.0
V
IR = 100 μA
hv
Luminous Efficacy
80
145
500
595
lm/W
Note 3.
Notes:
1.
q1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
2. The dominant wavelength,
ld, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the
device.
3. Radiant intensity, Ie, in watts/steradian, may be found from the equation Ie = Iv/hv, where Iv is the luminous intensity in candelas and hv is the
luminous efficacy in lumens/watt.
HIGH EFFICIENCY RED
WAVELENGTH – nm
1.0
0.5
0
500
550
600
650
700
750
YELLOW
GREEN
TA = 25° C
AlGaAs RED



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com