Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-R100 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # HLMP-R100
Description  2.5 mm x 7.6 mm Rectangular LED Lamps
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HLMP-R100 Datasheet(HTML) 2 Page - Broadcom Corporation.

  HLMP-R100 Datasheet HTML 1Page - Broadcom Corporation. HLMP-R100 Datasheet HTML 2Page - Broadcom Corporation. HLMP-R100 Datasheet HTML 3Page - Broadcom Corporation. HLMP-R100 Datasheet HTML 4Page - Broadcom Corporation. HLMP-R100 Datasheet HTML 5Page - Broadcom Corporation. HLMP-R100 Datasheet HTML 6Page - Broadcom Corporation. HLMP-R100 Datasheet HTML 7Page - Broadcom Corporation. HLMP-R100 Datasheet HTML 8Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Selection Guide
Color
Part Number
Luminous Intensity
Iv (mcd) at 20 mA
Min.
Typ.
DH AlGaAs Red
HLMP-R100
2.1
HLMP-R100-FG0xx
5.4
17.2
Red
HLMP-0301
2.1
HLMP-0301-C00xx
1.3
HLMP-0301-DECxx
2.1
6.8
HLMP-0301-CD0xx
1.3
4.2
Yellow
HLMP-0401
3.6
HLMP-0401-B00xx
1.4
HLMP-0401-D00xx
3.6
HLMP-0401-CD0xx
2.2
7.2
HLMP-0401-DEBxx
3.6
11.4
Green
HLMP-0504
2.6
HLMP-0504-B00xx
1.6
HLMP-0504-DECxx
4.2
13.4
HLMP-0504-CD0xx
2.6
8.4
HLMP-0504-C00xx
2.6
Mechanical Options
00: Bulk
01: Tape & Reel, Crimped Leads
02: Tape & Reel, Straight Leads
DD: Ammo Pack, Straight Leads
Color Bin Options
0: Full Color Bin Distribution
B: Color Bins 2 & 3 only
C: Color Bins 3 & 4 only
Maximum Iv Bin Options
0: Open (No Maximum Limit)
Others: Please refer to the Iv Bin Table
Minimum Iv Bin Options
Please refer to the Iv Bin Table
Color Options
1. As AlGaAs Red
3. High Efficiency Red
4. Yellow
5. Green
Package Options
R,0: Rectangular 2.5 mm x 7.6 mm
Part Numbering System
HLMP - x x xx - x x x xx



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com