Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMF Datasheet(PDF) 6 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMF
Description  Sealed Power Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMF Datasheet(HTML) 6 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LMF Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Electrical Characteristics
Part Number
Inductance
(uH)
Tolerance
(±%)
Test
Frequency
(MHz)
RDC
(Ω) ±30%
Isat (A)
Typ. (Max)
Irms (A)
Typ. (Max)
Marking
LMF303010-1R5□-N
1.5
20, 30
1
0.085
1.80(1.62)
1.70(1.53)
1R5
LMF303010-2R2□-N
2.2
20, 30
1
0.100
1.50(1.35)
1.40(1.26)
2R2
LMF303010-4R7□-N
4.7
20, 30
1
0.205
1.00(0.90)
0.95(0.85)
4R7
LMF303010-6R8□-N
6.8
20, 30
1
0.310
0.87(0.78)
0.85(0.76)
6R8
LMF303010-100□-N
10
20, 30
1
0.430
0.64(0.57)
0.63(0.56)
100
LMF303010-150□-N
15
20, 30
1
0.625
0.56(0.50)
0.55(0.49)
150
LMF303010-220□-N
22
20, 30
1
0.870
0.47(0.42)
0.46(0.41)
220
LMF303010-470□-N
47
20, 30
1
1.750
0.29(0.26)
0.28(0.25)
470
Note: When ordering, please specify tolerance code. Tolerance: M=±20% , T =±30%
Operating temperature range-55℃~125℃(Including self - temperature rise)
 Isat for Inductance drop 30% from its value without current
 Irms for a 40℃ temperature rise from 25℃ ambient with current
 Measure Equipment:
L:Agilent HP4287A+Agilent HP16197A, 1MHz 200mV
RDC:DIGITAL MILLINHM METER CHROMA 16502, or equivalent
Isat & Irms:Agilent HP4284A
Test Instruments:HP4284A Material/Impedance Analyzer
Inductance vs. DC Current
0
5
10
15
20
25
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
DC Current(A)
1R5
2R2
4R7
6R8
100
150
220
Tem perature Change vs. DC Current
0
10
20
30
40
50
60
70
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
DC Current(A)
1R5
2R2
4R7
6R8
100
220
150
LMF Series
Rev :
www.leiditech.com
01.06.2018
6/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com