Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMF Datasheet(PDF) 8 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMF
Description  Sealed Power Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMF Datasheet(HTML) 8 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LMF Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Electrical Characteristics
Part Number
Inductance
(uH)
Tolerance
(±%)
Test
Frequency
(MHz)
RDC
(Ω) ±30%
Isat (A)
Typ. (Max)
Irms (A)
Typ. (Max)
Marking
LMF303015-R47□-N
0.47
20, 30
1
0.036
4.7(4.23)
4.0(3.60)
R47
LMF303015-1R0□-N
1.0
20, 30
1
0.054
3.4(3.06)
3.0(2.70)
1R0
LMF303015-1R5□-N
1.5
20, 30
1
0.063
3.0(2.70)
2.6(2.34)
1R5
LMF303015-2R2□-N
2.2
20, 30
1
0.090
2.3(2.07)
2.0(1.80)
2R2
LMF303015-3R3□-N
3.3
20, 30
1
0.125
1.9(1.71)
1.80(1.62)
3R3
LMF303015-4R7□-N
4.7
20, 30
1
0.170
1.58(1.42)
1.52(1.36)
4R7
LMF303015-6R8□-N
6.8
20, 30
1
0.235
1.34(1.20)
1.30(1.17)
6R8
LMF303015-100□-N
10
20, 30
1
0.360
1.06(0.95)
1.00(0.90)
100
LMF303015-150□-N
15
20, 30
1
0.550
0.90(0.81)
0.80(0.72)
150
LMF303015-220□-N
22
20, 30
1
0.770
0.76(0.68)
0.65(0.58)
220
LMF303015-330□-N
33
20, 30
1
0.930
0.65(0.58)
0.60(0.54)
330
LMF303015-470□-N
47
20, 30
1
1.500
0.52(0.46)
0.42(0.37)
470
LMF303015-101□-N
100
20, 30
1
2.700
0.36(0.32)
0.3(0.27)
101
Note: When ordering, please specify tolerance code. Tolerance: M=±20% , T =±30%
Operating temperature range-55℃~125℃(Including self - temperature rise)
 Isat for Inductance drop 30% from its value without current
 Irms for a 40℃ temperature rise from 25℃ ambient with current
 Measure Equipment:
L:Agilent HP4287A+Agilent HP16197A, 1MHz 200mV
RDC:DIGITAL MILLINHM METER CHROMA 16502, or equivalent
Isat & Irms:Agilent HP4284A
Test Instruments:HP4284A Material/Impedance Analyzer
Inductance vs. DC Current
0
5
10
15
20
25
00.51
1.522.53
3.544.5
DC Current(A)
2R2
3R3
4R7
6R8
100
150
220
1R5
1R0
R47
Tem perature Change vs. DC Current
0
10
20
30
40
50
60
70
80
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
DC Current(A)
2R2
3R3
4R7
6R8
100
150
220
1R5
R47
1R0
LMF Series
Rev :
www.leiditech.com
01.06.2018
8/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com