Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0603T-R10-F Datasheet(PDF) 18 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMH0603T-R10-F
Description  SMD Ceramic Multilayer Chip Inductors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMH0603T-R10-F Datasheet(HTML) 18 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button LMH0603T-R10-F Datasheet HTML 14Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH0603T-R10-F Datasheet HTML 15Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH0603T-R10-F Datasheet HTML 16Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH0603T-R10-F Datasheet HTML 17Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH0603T-R10-F Datasheet HTML 18Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH0603T-R10-F Datasheet HTML 19Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH0603T-R10-F Datasheet HTML 20Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH0603T-R10-F Datasheet HTML 21Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH0603T-R10-F Datasheet HTML 22Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Test Instruments:HP4291A Material/Impedance Analyzer
LMH1608T-33NJ-H
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.55Ω SRF:1600MHz IDC:400mA
0
10
20
30
40
50
LMH1608T-39NJ-H
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.60Ω SRF:1400MHz IDC:400mA
0
10
20
30
40
50
LMH1608T-47NJ-H
0
100
200
300
400
500
1
10
100
1000
10000
FREQENCY(MHz)
RDC<0.70Ω SRF:1300MHz IDC:400mA
0
10
20
30
40
50
LMH1608T-56NJ-H
0
50
100
150
200
250
300
350
400
450
500
1
10
100
1000
10000
FREQENCY(MHz)
RDC<0.75Ω SRF:1100MHz IDC:400mA
0
10
20
30
40
50
LMH1608T-68NJ-H
0
50
100
150
200
250
300
350
400
450
500
1
10
100
1000
10000
FREQENCY(MHz)
RDC<0.85Ω SRF:1050MHz IDC:400mA
0
10
20
30
40
50
LMH1608T-82NJ-H
0
100
200
300
400
500
1
10
100
1000
10000
FREQENCY(MHz)
RDC<1.0Ω SRF:900MHz IDC:300mA
0
10
20
30
40
50
LMH1608T-R10J-H
0
50
100
150
200
250
300
350
400
450
500
1
10
100
1000
FREQENCY(MHz)
RDC<1.2Ω SRF:770MHz IDC:300mA
0
10
20
30
40
50
LMH1608T-R12J-H
0
50
100
150
200
250
300
350
400
450
500
1
10
100
1000
FREQUENCY(MHz)
RDC<1.3Ω SRF:650MHz IDC:300mA
0
10
20
30
40
50
LMH1608T-R15J-H
0
50
100
150
200
250
300
350
400
450
500
1
10
100
1000
FREQUENCY(MHz)
RDC<1.7Ω SRF:550MHz IDC:250mA
0
10
20
30
40
50
LMH1608T-R18J-H
0
50
100
150
200
250
300
350
400
450
500
1
10
100
1000
FREQUENCY(MHz)
RDC<1.9Ω SRF:520MHz IDC:250mA
0
10
20
30
40
50
LMH1608T-R22J-H
0
50
100
150
200
250
300
350
400
450
500
1
10
100
1000
FREQUENCY(MHz)
RDC<2.0Ω SRF:500MHz IDC:250mA
0
10
20
30
40
50
LMH1608T-R27J-H
0
50
100
150
200
250
300
350
400
450
500
1
10
100
1000
FREQUENCY(MHz)
RDC<2.2 Ω SRF:470MHz IDC:150mA
0
5
10
15
20
25
30
LMH1608T-R33J-H
0
200
400
600
800
1000
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<2.8Ω SRF:320MHz IDC:100mA
0
5
10
15
20
25
LMH1608T-R39J-H
0
200
400
600
800
1000
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<3.0Ω SRF:300MHz IDC:100mA
0
5
10
15
20
25
LMH Series
Rev :
www.leiditech.com
01.06.2018
18/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com